Electronic Components Datasheet Search
  English  ▼

X  

B-M Datasheet(PDF) 12 Page - General Semiconductor

Part # B-M
Description  JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

B-M Datasheet(HTML) 12 Page - General Semiconductor

Back Button B-M Datasheet HTML 8Page - General Semiconductor B-M Datasheet HTML 9Page - General Semiconductor B-M Datasheet HTML 10Page - General Semiconductor B-M Datasheet HTML 11Page - General Semiconductor B-M Datasheet HTML 12Page - General Semiconductor B-M Datasheet HTML 13Page - General Semiconductor B-M Datasheet HTML 14Page - General Semiconductor B-M Datasheet HTML 15Page - General Semiconductor B-M Datasheet HTML 16Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
JC030-Series Power Modules
Data Sheet
18 Vdc to 36 Vdc Inputs; 30 W
March 26, 2008
Lineage Power
Feature Descriptions (continued)
Remote Sense
Remote sense minimizes the effects of distribution
losses by regulating the voltage at the remote-sense
connections. The voltage between the remote-sense
pins and the output terminals must not exceed the out-
put voltage sense range given in the Feature Specifica-
tions table, i.e.:
[VO(+) – VO(–)] – [SENSE(+) – SENSE(–)] ð 0.5 V
The voltage between the VO(+) and VO(–) terminals
must not exceed the minimum output overvoltage shut-
down voltage as indicated in the Feature Specifications
table. This limit includes any increase in voltage due to
remote-sense compensation and output voltage set-
point adjustment (trim). See Figure 23.
If not using the remote-sense feature to regulate the
output at the point of load, then connect SENSE(+) to
VO(+) and SENSE(–) to VO(–) at the module.
8-651(C).m
Figure 23. Effective Circuit Configuration for
Single-Module Remote-Sense Operation
Output Voltage Adjustment
Output voltage trim allows the user to increase or
decrease the output voltage set point of a module. This
is accomplished by connecting an external resistor
between the TRIM pin and either the SENSE(+) or
SENSE(–) pins. With an external resistor between the
TRIM and SENSE(–) pins (Radj-down), the output voltage
set point (VO, adj) decreases (see Figure 24). The fol-
lowing equation determines the required external resis-
tor value to obtain an output voltage change of %ý.
For example, to lower the output voltage by 30%, the
external resistor value must be:
With an external resistor connected between the TRIM
and SENSE(+) pins (Radj-up), the output voltage set
point (VO, adj) increases (see Figure 25). The following
equation determines the required external resistor
value to obtain an output voltage change of %ý.
For example, to increase the output voltage of the
JC030B by 5%, the external resistor value must be:
The combination of the output voltage adjustment and
sense range and the output voltage given in the Fea-
ture Specifications table cannot exceed 110% of the
nominal output voltage between the VO(+) and VO(–)
terminals.
The JC030 Power Module family has a fixed current-
limit set point. Therefore, as the output voltage is
adjusted down, the available output power is reduced.
In addition, the minimum output current is a function of
the output voltage. As the output voltage is adjusted
down, the minimum required output current can
increase.
8-748(C).b
Figure 24. Circuit Configuration to Decrease
Output Voltage
VO(+)
SENSE(+)
SENSE(–)
VO(–)
VI(+)
VI(-)
IO
LOAD
CONTACT AND
DISTRIBUTION LOSSES
SUPPLY
II
CONTACT
RESISTANCE
Radj-down
1%ý
–
%ý
-----------------
⎝⎠
⎛⎞ 10 kΩ
=
Radj-down
10.3
–
0.3
-----------------
⎝⎠
⎛⎞ 10 kΩ
23.33 k
Ω
==
Radj-up
VO,nom
2.5
------------------1
–
⎝⎠
⎛⎞ 1%Δ
+
%ý
-------------------
⎝⎠
⎛⎞ 10 kΩ
=
Radj-up
12.0
2.5
----------- 1
–
⎝⎠
⎛⎞ 10.05
+
0.05
---------------------
⎝⎠
⎛⎞ 10 kΩ
798 k
Ω
==
VI (+)
VI (–)
ON/OFF
CASE
VO (+)
VO(–)
SENSE(+)
TRIM
SENSE(–)
Radj-down
RLOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com