Electronic Components Datasheet Search
  English  ▼

X  

CC430F613 Datasheet(PDF) 39 Page - Texas Instruments

Part # CC430F613
Description  MSP430??SoC with RF Core
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F613 Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC430F613 Datasheet HTML 35Page - Texas Instruments CC430F613 Datasheet HTML 36Page - Texas Instruments CC430F613 Datasheet HTML 37Page - Texas Instruments CC430F613 Datasheet HTML 38Page - Texas Instruments CC430F613 Datasheet HTML 39Page - Texas Instruments CC430F613 Datasheet HTML 40Page - Texas Instruments CC430F613 Datasheet HTML 41Page - Texas Instruments CC430F613 Datasheet HTML 42Page - Texas Instruments CC430F613 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 120 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554G – MAY 2009 – REVISED FEBRUARY 2013
Table 48. Radio Interface Registers (Base Address: 0F00h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Radio interface control register 0
RF1AIFCTL0
00h
Radio interface control register 1
RF1AIFCTL1
02h
Radio interface error flag register
RF1AIFERR
06h
Radio interface error vector word
RF1AIFERRV
0Ch
Radio interface interrupt vector word
RF1AIFIV
0Eh
Radio instruction word register
RF1AINSTRW
10h
Radio instruction word register, 1-byte auto-read
RF1AINSTR1W
12h
Radio instruction word register, 2-byte auto-read
RF1AINSTR2W
14h
Radio data in register
RF1ADINW
16h
Radio status word register
RF1ASTATW
20h
Radio status word register, 1-byte auto-read
RF1ASTAT1W
22h
Radio status word register, 2-byte auto-read
RF1AISTAT2W
24h
Radio data out register
RF1ADOUTW
28h
Radio data out register, 1-byte auto-read
RF1ADOUT1W
2Ah
Radio data out register, 2-byte auto-read
RF1ADOUT2W
2Ch
Radio core signal input register
RF1AIN
30h
Radio core interrupt flag register
RF1AIFG
32h
Radio core interrupt edge select register
RF1AIES
34h
Radio core interrupt enable register
RF1AIE
36h
Radio core interrupt vector word
RF1AIV
38h
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com