| Electronic Components Datasheet Search |
|
CC430F613 Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC430F613 Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 120 page ![]() ECCN 5E002 TSPA - Technology / Software Publicly Available CC430F613x CC430F612x CC430F513x SLAS554G – MAY 2009 – REVISED FEBRUARY 2013 www.ti.com Table 10. Port Mapping, Mnemonics and Functions (continued) OUTPUT PIN FUNCTION VALUE PxMAPy MNEMONIC INPUT PIN FUNCTION (PxDIR.y=0) (PxDIR.y=1) 27 Reserved None DVSS 28 Reserved None DVSS 29 Reserved None DVSS 30 Reserved None DVSS Disables the output driver as well as the input Schmitt-trigger to prevent 31 (0FFh)(6) PM_ANALOG parasitic cross currents when applying analog signals. (6) The value of the PM_ANALOG mnemonic is set to 0FFh. The port mapping registers are only 5 bits wide and the upper bits are ignored resulting in a read out value of 31. Table 11. Default Mapping INPUT PIN FUNCTION OUTPUT PIN FUNCTION PIN PxMAPy MNEMONIC (PxDIR.y=0) (PxDIR.y=1) P1.0/P1MAP0 PM_RFGDO0 None Radio GDO0 P1.1/P1MAP1 PM_RFGDO2 None Radio GDO2 USCI_B0 SPI slave out master in (direction controlled by USCI), P1.2/P1MAP2 PM_UCB0SOMI/PM_UCB0SCL USCI_B0 I2C clock (open drain and direction controlled by USCI) USCI_B0 SPI slave in master out (direction controlled by USCI), P1.3/P1MAP3 PM_UCB0SIMO/PM_UCB0SDA USCI_B0 I2C data (open drain and direction controlled by USCI) USCI_B0 clock input/output (direction controlled by USCI), P1.4/P1MAP4 PM_UCB0CLK/PM_UCA0STE USCI_A0 SPI slave transmit enable (direction controlled by USCI - input) USCI_A0 UART RXD (Direction controlled by USCI - input), P1.5/P1MAP5 PM_UCA0RXD/PM_UCA0SOMI USCI_A0 SPI slave out master in (direction controlled by USCI) USCI_A0 UART TXD (Direction controlled by USCI - output), P1.6/P1MAP6 PM_UCA0TXD/PM_UCA0SIMO USCI_A0 SPI slave in master out (direction controlled by USCI) USCI_A0 clock input/output (direction controlled by USCI), P1.7/P1MAP7 PM_UCA0CLK/PM_UCB0STE USCI_B0 SPI slave transmit enable (direction controlled by USCI - input) P2.0/P2MAP0 PM_CBOUT1/PM_TA1CLK TA1 clock input Comparator_B output P2.1/P2MAP1 PM_TA1CCR0A TA1 CCR0 capture input CCI0A TA1 CCR0 compare output Out0 P2.2/P2MAP2 PM_TA1CCR1A TA1 CCR1 capture input CCI1A TA1 CCR1 compare output Out1 P2.3/P2MAP3 PM_TA1CCR2A TA1 CCR2 capture input CCI2A TA1 CCR2 compare output Out2 P2.4/P2MAP4 PM_RTCCLK None RTCCLK output P2.5/P2MAP5 PM_SVMOUT None SVM output P2.6/P2MAP6 PM_ACLK None ACLK output P2.7/P2MAP7 PM_ADC12CLK/PM_DMAE0 DMA external trigger input ADC12CLK output P3.0/P3MAP0 PM_CBOUT0/PM_TA0CLK TA0 clock input Comparator_B output P3.1/P3MAP1 PM_TA0CCR0A TA0 CCR0 capture input CCI0A TA0 CCR0 compare output Out0 P3.2/P3MAP2 PM_TA0CCR1A TA0 CCR1 capture input CCI1A TA0 CCR1 compare output Out1 P3.3/P3MAP3 PM_TA0CCR2A TA0 CCR2 capture input CCI2A TA0 CCR2 compare output Out2 P3.4/P3MAP4 PM_TA0CCR3A TA0 CCR3 capture input CCI3A TA0 CCR3 compare output Out3 P3.5/P3MAP5 PM_TA0CCR4A TA0 CCR4 capture input CCI4A TA0 CCR4 compare output Out4 P3.6/P3MAP6 PM_RFGDO1 None Radio GDO1 P3.7/P3MAP7 PM_SMCLK None SMCLK output 22 Submit Documentation Feedback Copyright © 2009–2013, Texas Instruments Incorporated |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |