Electronic Components Datasheet Search
  English  ▼

X  

CC430F613 Datasheet(PDF) 69 Page - Texas Instruments

Part # CC430F613
Description  MSP430??SoC with RF Core
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F613 Datasheet(HTML) 69 Page - Texas Instruments

Back Button CC430F613 Datasheet HTML 65Page - Texas Instruments CC430F613 Datasheet HTML 66Page - Texas Instruments CC430F613 Datasheet HTML 67Page - Texas Instruments CC430F613 Datasheet HTML 68Page - Texas Instruments CC430F613 Datasheet HTML 69Page - Texas Instruments CC430F613 Datasheet HTML 70Page - Texas Instruments CC430F613 Datasheet HTML 71Page - Texas Instruments CC430F613 Datasheet HTML 72Page - Texas Instruments CC430F613 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 120 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554G – MAY 2009 – REVISED FEBRUARY 2013
REF, Built-In Reference
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
REFVSEL = 2 for 2.5 V,
REFON = REFOUT = 1,
3 V
2.41
±1.5%
IVREF+= 0 A
REFVSEL = 1 for 2.0 V,
Positive built-in reference
VREF+
REFON = REFOUT = 1,
3 V
1.93
±1.5%
V
voltage output
IVREF+= 0 A
REFVSEL = 0 for 1.5 V,
REFON = REFOUT = 1,
2.2 V, 3 V
1.45
±1.5%
IVREF+= 0 A
REFVSEL = 0 for 1.5 V, reduced performance
1.8
AVCC minimum voltage,
REFVSEL = 0 for 1.5 V
2.2
AVCC(min)
Positive built-in reference
V
REFVSEL = 1 for 2.0 V
2.3
active
REFVSEL = 2 for 2.5 V
2.8
REFON = 1, REFOUT = 0, REFBURST = 0
3 V
100
140
µA
Operating supply current into
IREF+
AVCC terminal
(2) (3)
REFON = 1, REFOUT = 1, REFBURST = 0
3 V
0.9
1.5
mA
REFVSEL = 0, 1, or 2,
Load-current regulation,
IVREF+ = +10 µA or –1000 µA,
IL(VREF+)
2500 µV/mA
VREF+ terminal(4)
AVCC = AVCC (min) for each reference level,
REFON = REFOUT = 1
Capacitance at VREF+
CVREF+
REFON = REFOUT = 1
20
100
pF
terminals, internal reference
IVREF+ = 0 A,
Temperature coefficient of
ppm/
TCREF+
REFVSEL = 0, 1, or 2,
30
50
built-in reference(5)
°C
REFON = 1, REFOUT = 0 or 1
AVCC = AVCC (min) - AVCC(max),
Power supply rejection ratio
PSRR_DC
TA = 25 °C, REFVSEL = 0, 1, or 2,
120
300
µV/V
(DC)
REFON = 1, REFOUT = 0 or 1
AVCC = AVCC (min) - AVCC(max)
Power supply rejection ratio
TA = 25 °C, f = 1 kHz, ΔVpp = 100 mV,
PSRR_AC
6.4
mV/V
(AC)
REFVSEL = 0, 1, or 2,
REFON = 1, REFOUT = 0 or 1
AVCC = AVCC (min) - AVCC(max),
REFVSEL = 0, 1, or 2,
75
REFOUT = 0, REFON = 0
→ 1
Settling time of reference
tSETTLE
µs
AVCC = AVCC (min) - AVCC(max),
voltage(6)
CVREF = CVREF(max),
75
REFVSEL = 0, 1, or 2,
REFOUT = 1, REFON = 0
→ 1
(1)
The reference is supplied to the ADC by the REF module and is buffered locally inside the ADC. The ADC uses two internal buffers, one
smaller and one larger for driving the VREF+ terminal. When REFOUT = 1, the reference is available at the VREF+ terminal, as well as,
used as the reference for the conversion and utilizes the larger buffer. When REFOUT = 0, the reference is only used as the reference
for the conversion and utilizes the smaller buffer.
(2)
The internal reference current is supplied via terminal AVCC. Consumption is independent of the ADC12ON control bit, unless a
conversion is active. The REFON bit enables to settle the built-in reference before starting an A/D conversion. REFOUT = 0 represents
the current contribution of the smaller buffer. REFOUT = 1 represents the current contribution of the larger buffer without external load.
(3)
The temperature sensor is provided by the REF module. Its current is supplied via terminal AVCC and is equivalent to IREF+ with REFON
=1 and REFOUT = 0.
(4)
Contribution only due to the reference and buffer including package. This does not include resistance due to PCB trace or other causes.
(5)
Calculated using the box method: (MAX(-40 to 85°C) – MIN(-40 to 85°C)) / MIN(-40 to 85°C)/(85°C – (–40°C)).
(6)
The condition is that the error in a conversion started after tREFON is less than ±0.5 LSB. The settling time depends on the external
capacitive load when REFOUT = 1.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com