Electronic Components Datasheet Search
  English  ▼

X  

CC430F613 Datasheet(PDF) 72 Page - Texas Instruments

Part # CC430F613
Description  MSP430??SoC with RF Core
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F613 Datasheet(HTML) 72 Page - Texas Instruments

Back Button CC430F613 Datasheet HTML 68Page - Texas Instruments CC430F613 Datasheet HTML 69Page - Texas Instruments CC430F613 Datasheet HTML 70Page - Texas Instruments CC430F613 Datasheet HTML 71Page - Texas Instruments CC430F613 Datasheet HTML 72Page - Texas Instruments CC430F613 Datasheet HTML 73Page - Texas Instruments CC430F613 Datasheet HTML 74Page - Texas Instruments CC430F613 Datasheet HTML 75Page - Texas Instruments CC430F613 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 120 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
SLAS554G – MAY 2009 – REVISED FEBRUARY 2013
www.ti.com
RF1A CC1101-Based Radio Parameters
Recommended Operating Conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage range during radio operation
2.0
3.6
V
PMMCOREVx
Core voltage range, PMMCOREVx setting during radio operation
2
3
300
348
RF frequency range
389(1)
464
MHz
779
928
2-FSK
0.6
500
Data rate
2-GFSK, OOK, and ASK
0.6
250 kBaud
(Shaped) MSK (also known as differential offset QPSK)(2)
26
500
RF crystal frequency
26
26
27
MHz
RF crystal tolerance
Total tolerance including initial tolerance, crystal loading, aging and
±40
ppm
temperature dependency.(3)
RF crystal load capacitance
10
13
20
pF
RF crystal effective series
100
Ω
resistance
(1)
If using a 27-MHz crystal, the lower frequency limit for this band is 392 MHz.
(2)
If using optional Manchester encoding, the data rate in kbps is half the baud rate.
(3)
The acceptable crystal tolerance depends on frequency band, channel bandwidth, and spacing. Also see design note DN005 -- CC11xx
Sensitivity versus Frequency Offset and Crystal Accuracy (SWRA122).
RF Crystal Oscillator, XT2
TA = 25°C, VCC = 3 V (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Start-up time(2)
150
810
µs
Duty cycle
45
50
55
%
(1)
All measurement results are obtained using the EM430F6137RF900 with BOM according to tested frequency range (see Table 49).
(2)
The start-up time depends to a very large degree on the used crystal.
Current Consumption, Reduced-Power Modes
TA = 25°C, VCC = 3 V (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current
RF crystal oscillator only (for example, SLEEP state with MCSM0.OSC_FORCE_ON =
100
µA
consumption
1)
IDLE state (including RF crystal oscillator)
1.7
mA
FSTXON state (only the frequency synthesizer is running)(2)
9.5
mA
(1)
All measurement results are obtained using the EM430F6137RF900 with BOM according to tested frequency range (see Table 49).
(2)
This current consumption is also representative of other intermediate states when going from IDLE to RX or TX, including the calibration
state.
72
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com