Electronic Components Datasheet Search
  English  ▼

X  

CC430F613 Datasheet(PDF) 41 Page - Texas Instruments

Part # CC430F613
Description  MSP430??SoC with RF Core
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F613 Datasheet(HTML) 41 Page - Texas Instruments

Back Button CC430F613 Datasheet HTML 37Page - Texas Instruments CC430F613 Datasheet HTML 38Page - Texas Instruments CC430F613 Datasheet HTML 39Page - Texas Instruments CC430F613 Datasheet HTML 40Page - Texas Instruments CC430F613 Datasheet HTML 41Page - Texas Instruments CC430F613 Datasheet HTML 42Page - Texas Instruments CC430F613 Datasheet HTML 43Page - Texas Instruments CC430F613 Datasheet HTML 44Page - Texas Instruments CC430F613 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 120 page
background image
2.0
1.8
8
0
12
20
Supply Voltage - V
The numbers within the fields denote the supported PMMCOREVx settings.
2.2
2.4
3.6
0, 1, 2, 3
0, 1, 2
0, 1
0
1, 2, 3
1, 2
1
2, 3
3
2
16
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554G – MAY 2009 – REVISED FEBRUARY 2013
Recommended Operating Conditions (continued)
Typical values are specified at VCC = 3.3 V and TA = 25°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
PMMCOREVx = 0
0
8
(default condition)
PMMCOREVx = 1
0
12
fSYSTEM
Processor (MCLK) frequency(5) (see Figure 2)
MHz
PMMCOREVx = 2
0
16
PMMCOREVx = 3
0
20
PINT
Internal power dissipation
VCC × I(DVCC)
W
(VCC - VIOH) × IIOH +
PIO
I/O power dissipation of I/O pins powered by DVCC
W
VIOL × IIOL
PMAX
Maximum allowed power dissipation, PMAX > PIO + PINT
(TJ - TA) / θJA
W
(5)
Modules may have a different maximum input clock specification. See the specification of the respective module in this data sheet.
Figure 2. Maximum System Frequency
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com