Electronic Components Datasheet Search
  English  ▼

X  

CC430F613 Datasheet(PDF) 67 Page - Texas Instruments

Part # CC430F613
Description  MSP430??SoC with RF Core
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F613 Datasheet(HTML) 67 Page - Texas Instruments

Back Button CC430F613 Datasheet HTML 63Page - Texas Instruments CC430F613 Datasheet HTML 64Page - Texas Instruments CC430F613 Datasheet HTML 65Page - Texas Instruments CC430F613 Datasheet HTML 66Page - Texas Instruments CC430F613 Datasheet HTML 67Page - Texas Instruments CC430F613 Datasheet HTML 68Page - Texas Instruments CC430F613 Datasheet HTML 69Page - Texas Instruments CC430F613 Datasheet HTML 70Page - Texas Instruments CC430F613 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 120 page
background image
500
550
600
650
700
750
800
850
900
950
1000
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80
Ambient Temperature - ˚C
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554G – MAY 2009 – REVISED FEBRUARY 2013
12-Bit ADC, Temperature Sensor and Built-In VMID
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
2.2 V
680
ADC12ON = 1, INCH = 0Ah,
VSENSOR
See (2) (3)
mV
TA = 0°C
3 V
680
2.2 V
2.25
TCSENSOR
See (3)
ADC12ON = 1, INCH = 0Ah
mV/°C
3 V
2.25
2.2 V
30
Sample time required if
ADC12ON = 1, INCH = 0Ah,
tSENSOR(sample)
µs
channel 10 is selected(4)
Error of conversion result
≤ 1 LSB
3 V
30
AVCC divider at channel 11,
ADC12ON = 1, INCH = 0Bh
0.48
0.5
0.52 VAVCC
VAVCC factor
VMID
2.2 V
1.06
1.1
1.14
AVCC divider at channel 11
ADC12ON = 1, INCH = 0Bh
V
3 V
1.44
1.5
1.56
Sample time required if
ADC12ON = 1, INCH = 0Bh,
tVMID(sample)
2.2 V, 3 V
1000
ns
channel 11 is selected(5)
Error of conversion result
≤ 1 LSB
(1)
The temperature sensor is provided by the REF module. See the REF module parametric, IREF+, regarding the current consumption of
the temperature sensor.
(2)
The temperature sensor offset can be as much as ±20°C. A single-point calibration is recommended in order to minimize the offset error
of the built-in temperature sensor.
(3)
The device descriptor structure contains calibration values for 30°C ± 3°C and 85°C ± 3°C for each of the available reference voltage
levels. The sensor voltage can be computed as VSENSE = TCSENSOR * (Temperature, °C) + VSENSOR, where TCSENSOR and VSENSOR can
be computed from the calibration values for higher accuracy.
(4)
The typical equivalent impedance of the sensor is 51 k
Ω. The sample time required includes the sensor-on time tSENSOR(on).
(5)
The on-time tVMID(on) is included in the sampling time tVMID(sample); no additional on time is needed.
Figure 20. Typical Temperature Sensor Voltage
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com