Electronic Components Datasheet Search
  English  ▼

X  

CC430F613 Datasheet(PDF) 68 Page - Texas Instruments

Part # CC430F613
Description  MSP430??SoC with RF Core
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F613 Datasheet(HTML) 68 Page - Texas Instruments

Back Button CC430F613 Datasheet HTML 64Page - Texas Instruments CC430F613 Datasheet HTML 65Page - Texas Instruments CC430F613 Datasheet HTML 66Page - Texas Instruments CC430F613 Datasheet HTML 67Page - Texas Instruments CC430F613 Datasheet HTML 68Page - Texas Instruments CC430F613 Datasheet HTML 69Page - Texas Instruments CC430F613 Datasheet HTML 70Page - Texas Instruments CC430F613 Datasheet HTML 71Page - Texas Instruments CC430F613 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 120 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
SLAS554G – MAY 2009 – REVISED FEBRUARY 2013
www.ti.com
REF, External Reference
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VeREF+
Positive external reference voltage input
VeREF+ > VREF–/VeREF–
(2)
1.4
AVCC
V
VREF–/VeREF–
Negative external reference voltage input
VeREF+ > VREF–/VeREF–
(3)
0
1.2
V
(VeREF+ –
Differential external reference voltage
VeREF+ > VREF–/VeREF–
(4)
1.4
AVCC
V
VREF–/VeREF–)
input
1.4 V
≤ VeREF+ ≤ VAVCC ,
VeREF– = 0 V
fADC12CLK = 5
2.2 V, 3 V
±8.5
±26
µA
MHz,ADC12SHTx = 1h,
Conversion rate 200ksps
IVeREF+
Static input current
IVREF–/VeREF–
1.4 V
≤ VeREF+ ≤ VAVCC ,
VeREF– = 0 V
fADC12CLK = 5
2.2 V, 3 V
±1
µA
MHz,ADC12SHTx = 8h,
Conversion rate 20ksps
Capacitance at VREF+/-terminal, external
CVREF+/-
10
µF
reference(5)
(1)
The external reference is used during ADC conversion to charge and discharge the capacitance array. The input capacitance, Ci, is also
the dynamic load for an external reference during conversion. The dynamic impedance of the reference supply should follow the
recommendations on analog-source impedance to allow the charge to settle for 12-bit accuracy.
(2)
The accuracy limits the minimum positive external reference voltage. Lower reference voltage levels may be applied with reduced
accuracy requirements.
(3)
The accuracy limits the maximum negative external reference voltage. Higher reference voltage levels may be applied with reduced
accuracy requirements.
(4)
The accuracy limits minimum external differential reference voltage. Lower differential reference voltage levels may be applied with
reduced accuracy requirements.
(5)
Two decoupling capacitors, 10 µF and 100 nF, should be connected to VREF to decouple the dynamic current required for an external
reference source if it is used for the ADC12_A. See also the CC430 Family User's Guide (SLAU259).
68
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com