Electronic Components Datasheet Search
  English  ▼

X  

MAX1021 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1021
Description  10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1021 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1021 Datasheet HTML 9Page - Maxim Integrated Products MAX1021 Datasheet HTML 10Page - Maxim Integrated Products MAX1021 Datasheet HTML 11Page - Maxim Integrated Products MAX1021 Datasheet HTML 12Page - Maxim Integrated Products MAX1021 Datasheet HTML 13Page - Maxim Integrated Products MAX1021 Datasheet HTML 14Page - Maxim Integrated Products MAX1021 Datasheet HTML 15Page - Maxim Integrated Products MAX1021 Datasheet HTML 16Page - Maxim Integrated Products MAX1021 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
10-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
______________________________________________________________________________________
13
Typical Operating Characteristics (continued)
(AVDD = DVDD = 3V, external VREF = 2.5V, fCLK = 3.6MHz (50% duty cycle), fSAMPLE = 225ksps, CLOAD = 50pF, 0.1µF capacitor at
REF, TA = +25°C, unless otherwise noted.)
MAJOR CARRY TRANSITION
(RLOAD = 10k
Ω, CLOAD = 100pF)
MAX1040 toc46
1
μs/div
VOUT
10mV/div
AC-COUPLED
CS
1V/div
MAJOR CARRY TRANSITION
(RLOAD = 10k
Ω, CLOAD = 100pF)
MAX1040 toc47
1
μs/div
VOUT
20mV/div
AC-COUPLED
CS
2V/div
AVDD = DVDD = 5V
EXTERNAL REFERENCE = 4.096V
DAC DIGITAL FEEDTHROUGH
(RLOAD = 10k
Ω, CLOAD = 100pF,
CS = HIGH, DIN = LOW)
MAX1040 toc48
200ns/div
VOUT
100mV/div
AC-COUPLED
SCLK
1V/div
DAC DIGITAL FEEDTHROUGH
(RLOAD = 10k
Ω, CLOAD = 100pF,
CS = HIGH, DIN = LOW)
MAX1040 toc49
200ns/div
VOUT
100mV/div
AC-COUPLED
SCLK
2V/div
AVDD = DVDD = 5V
EXTERNAL REFERENCE = 4.096V
NEGATIVE FULL-SCALE SETTLING TIME
(RLOAD = 10k
Ω, CLOAD = 100pF)
MAX1040 toc50
1
μs/div
VOUT
1V/div
VLDAC
1V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com