Electronic Components Datasheet Search
  English  ▼

X  

MAX1021 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX1021
Description  10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1021 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX1021 Datasheet HTML 28Page - Maxim Integrated Products MAX1021 Datasheet HTML 29Page - Maxim Integrated Products MAX1021 Datasheet HTML 30Page - Maxim Integrated Products MAX1021 Datasheet HTML 31Page - Maxim Integrated Products MAX1021 Datasheet HTML 32Page - Maxim Integrated Products MAX1021 Datasheet HTML 33Page - Maxim Integrated Products MAX1021 Datasheet HTML 34Page - Maxim Integrated Products MAX1021 Datasheet HTML 35Page - Maxim Integrated Products MAX1021 Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
10-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
32
______________________________________________________________________________________
Set
CNVST high to begin a conversion. Sampling is
completed approximately 500ns after
CNVST goes
high. After the conversion is complete, the ADC shuts
down and pulls
EOC low. EOC stays low until CS or
CNVST is pulled low again. Wait until EOC goes low
before pulling
CS or CNVST low. The number of CNVST
signals must equal the number of conversions request-
ed by the scan and averaging registers to correctly
update the FIFO. Wait until all conversions are com-
plete before reading the FIFO. SPI communications to
the DAC and GPIO registers are permitted during con-
version. However, coupled noise may result in degrad-
ed ADC SNR.
If averaging is turned on, multiple
CNVST pulses need to
be performed before a result is written to the FIFO. Once
the proper number of conversions has been performed
to generate an averaged FIFO result (as specified to the
averaging register), the scan logic automatically switch-
es the analog input multiplexer to the next requested
channel. If a temperature measurement is programmed,
it is performed after the first rising edge of
CNVST follow-
ing the command byte written to the conversion register.
The temperature-conversion result is available on DOUT
once
EOC has been pulled low. Temperature results are
available in 12-bit format.
Internally Timed Acquisitions and
Conversions Using the Serial Interface
ADC Conversions in Clock Mode 10
In clock mode 10, the wake-up, acquisition, conversion,
and shutdown sequence is initiated by writing a com-
mand byte to the conversion register, and is performed
automatically using the internal oscillator. This is the
default clock mode upon power-up. See Figure 8 for
clock mode 10 timing.
FULL-SCALE
TRANSITION
111....111
0
INPUT VOLTAGE (LSB)
FS = VREF
111....110
111....101
000....011
000....010
000....001
000....000
2
13
FS
1 LSB = VREF / 1024
FS - 3/2 LSB
Figure 3. Unipolar Transfer Function—Full Scale (FS) = VREF
OUTPUT CODE
011....111
TEMPERATURE (
°C)
011....110
000....001
111....101
100....001
100....000
111....111
111....110
000....000
0
000....010
-256
+255.5
Figure 5. Temperature Transfer Function
011....111
-FS
INPUT VOLTAGE (LSB)
FS = VREF / 2 + VCOM
VREF = VREF+ - VREF-
-FS = -VREF / 2
011....110
011....101
000....001
000....000
111....111
100....011
100....010
100....001
100....000
0
(COM)
-1
+1
+FS - 1 LSB
1 LSB = VREF / 1024
ZS = COM
VREF
VREF
VREF
(COM)
VREF
Figure 4. Bipolar Transfer Function—Full Scale (±FS) = ±VREF / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com