Electronic Components Datasheet Search
  English  ▼

X  

MAX1021 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1021
Description  10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1021 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1021 Datasheet HTML 1Page - Maxim Integrated Products MAX1021 Datasheet HTML 2Page - Maxim Integrated Products MAX1021 Datasheet HTML 3Page - Maxim Integrated Products MAX1021 Datasheet HTML 4Page - Maxim Integrated Products MAX1021 Datasheet HTML 5Page - Maxim Integrated Products MAX1021 Datasheet HTML 6Page - Maxim Integrated Products MAX1021 Datasheet HTML 7Page - Maxim Integrated Products MAX1021 Datasheet HTML 8Page - Maxim Integrated Products MAX1021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
10-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = 2.7V to 5.25V, external reference VREF = 2.5V, fCLK = 3.6MHz (50% duty cycle), TA = -40°C to +85°C, unless
otherwise noted. Typical values are at AVDD = DVDD = 3V, TA = +25°C. Outputs are unloaded, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Acquisition Time
tACQ
(Note 5)
0.6
µs
Internally clocked
5.5
Conversion Time
tCONV
Externally clocked
3.6
µs
External Clock Frequency
fCLK
Externally clocked conversion (Note 5)
0.1
3.6
MHz
Duty Cycle
40
60
%
Aperture Delay
30
ns
Aperture Jitter
< 50
ps
ANALOG INPUTS
Unipolar
0
VREF
Input Voltage Range (Note 6)
Bipolar
-VREF / 2
+VREF / 2
V
Input Leakage Current
±0.01
±1
µA
Input Capacitance
24
pF
INTERNAL TEMPERATURE SENSOR
TA = +25°C
±0.7
Measurement Error (Notes 5, 7)
TA = TMIN to TMAX
±1.0
±3.0
°C
Temperature Resolution
1/8
°C/LSB
INTERNAL REFERENCE
REF1 Output Voltage
(Note 8)
2.482
2.50
2.518
V
REF1 Voltage Temperature
Coefficient
TCREF
±30
ppm/°C
REF1 Output Impedance
6.5
k
Ω
REF1 Short-Circuit Current
VREF = 2.5V
0.39
mA
EXTERNAL REFERENCE
REF1 Input Voltage Range
VREF1
REF mode 11 (Note 4)
1
AVDD +
0.05
V
REF mode 01
1
AVDD +
0.05
REF2 Input Voltage Range
(Note 4)
VREF2
REF mode 11
0
1
V
VREF = 2.5V, fSAMPLE = 225ksps
25
80
REF1 Input Current (Note 9)
IREF1
Acquisition between conversions
±0.01
±1
µA
VREF = 2.5V, fSAMPLE = 225ksps
25
80
REF2 Input Current
IREF2
Acquisition between conversions
±0.01
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com