Electronic Components Datasheet Search
  English  ▼

X  

MAX1021 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX1021
Description  10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1021 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX1021 Datasheet HTML 32Page - Maxim Integrated Products MAX1021 Datasheet HTML 33Page - Maxim Integrated Products MAX1021 Datasheet HTML 34Page - Maxim Integrated Products MAX1021 Datasheet HTML 35Page - Maxim Integrated Products MAX1021 Datasheet HTML 36Page - Maxim Integrated Products MAX1021 Datasheet HTML 37Page - Maxim Integrated Products MAX1021 Datasheet HTML 38Page - Maxim Integrated Products MAX1021 Datasheet HTML 39Page - Maxim Integrated Products MAX1021 Datasheet HTML 40Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
10-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
______________________________________________________________________________________
39
Small-Signal Bandwidth
A small -20dBFS analog input signal is applied to an
ADC so the signal’s slew rate does not limit the ADC’s
performance. The input frequency is then swept up to
the point where the amplitude of the digitized conver-
sion result has decreased by -3dB. Note that the T/H
performance is usually the limiting factor for the small-
signal input bandwidth.
Full-Power Bandwidth
A large -0.5dBFS analog input signal is applied to an
ADC, and the input frequency is swept up to the point
where the amplitude of the digitized conversion result
has decreased by -3dB. This point is defined as full-
power input bandwidth frequency.
DAC Digital Feedthrough
DAC digital feedthrough is the amount of noise that
appears on the DAC output when the DAC digital con-
trol lines are toggled.
ADC Power-Supply Rejection
ADC power-supply rejection (PSR) is defined as the
shift in offset error when the power supply is moved
from the minimum operating voltage to the maximum
operating voltage.
DAC Power-Supply Rejection
DAC PSR is the amount of change in the converter’s
value at full-scale as the power-supply voltage changes
from its nominal value. PSR assumes the converter’s lin-
earity is unaffected by changes in the power-
supply voltage.
Chip Information
TRANSISTOR COUNT: 58,141
PROCESS: BiCMOS
Pin Configurations
AIN0
REF1
GPIOC0
N.C.
LDAC
OUT7
RES_SEL
CS
GPIOC1
EOC
DVDD
DGND
SCLK
DIN
OUT0
GPIOA0
1
2
3
4
5
6
7
8
9
27
26
25
24
23
22
21
20
19
THIN QFN
MAX1021
TOP VIEW
DOUT
GPIOA1
GPIOA0
1
GPIOA1
2
3
DVDD 4
DGND
5
DOUT
6
SCLK
7
DIN
8
OUT0
9
EOC
AIN0
27
REF1
26
25
GPIOC0
24
N.C.
23
RES_SEL
22
21
20
D.C.
19
GPIOC1
10 11 12 13 14 15 16 17 18
36 35 34 33 32 31 30 29 28
LDAC
CS
MAX1043
TOP VIEW
THIN QFN
(6mm x 6mm x 0.8mm)
Package Information
For the latest package outline information, go to
www.maxim-ic.com/packages.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
36 TQFN
T3666-3
21-0141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com