Electronic Components Datasheet Search
  English  ▼

X  

MAX1021 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1021
Description  10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1021 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1021 Datasheet HTML 1Page - Maxim Integrated Products MAX1021 Datasheet HTML 2Page - Maxim Integrated Products MAX1021 Datasheet HTML 3Page - Maxim Integrated Products MAX1021 Datasheet HTML 4Page - Maxim Integrated Products MAX1021 Datasheet HTML 5Page - Maxim Integrated Products MAX1021 Datasheet HTML 6Page - Maxim Integrated Products MAX1021 Datasheet HTML 7Page - Maxim Integrated Products MAX1021 Datasheet HTML 8Page - Maxim Integrated Products MAX1021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
10-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVDD = DVDD = 2.7V to 5.25V, external reference VREF = 2.5V, fCLK = 3.6MHz (50% duty cycle), TA = -40°C to +85°C, unless
otherwise noted. Typical values are at AVDD = DVDD = 3V, TA = +25°C. Outputs are unloaded, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND .........................................................-0.3V to +6V
DGND to AGND.....................................................-0.3V to +0.3V
DVDD to AVDD .......................................................-3.0V to +0.3V
Digital Inputs to DGND.............................................-0.3V to +6V
Digital Outputs to DGND .........................-0.3V to (DVDD + 0.3V)
Analog Inputs, Analog Outputs and REF_
to AGND ...............................................-0.3V to (AVDD + 0.3V)
Maximum Current into Any Pin (except AGND, DGND, AVDD,
DVDD, and OUT_) ...........................................................50mA
Maximum Current into OUT_.............................................100mA
Continuous Power Dissipation (TA = +70°C)
36-Pin Thin QFN (6mm x 6mm)
(derate 26.3mW/°C above +70°C) ..........................2105.3mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-60°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADC
DC ACCURACY (Note 1)
Resolution
10
Bits
Integral Nonlinearity
INL
±0.5
±1.0
LSB
Differential Nonlinearity
DNL
±0.5
±1
LSB
Offset Error
±0.25
±2.0
LSB
Gain Error
(Note 2)
±0.025
±2.0
LSB
Gain Temperature Coefficient
±1.4
ppm/°C
Channel-to-Channel Offset
±0.1
LSB
DYNAMIC SPECIFICATIONS (10kHz sine-wave input, VIN = 2.5VP-P, 225ksps, fCLK = 3.6MHz)
Signal-to-Noise Plus Distortion
SINAD
61
dB
Total Harmonic Distortion
(Up to the Fifth Harmonic)
THD
-70
dBc
Spurious-Free Dynamic Range
SFDR
66
dBc
Intermodulation Distortion
IMD
fIN1 = 9.9kHz, fIN2 = 10.2kHz
72
dBc
Full-Linear Bandwidth
SINAD > 70dB
100
kHz
Full-Power Bandwidth
-3dB point
1
MHz
CONVERSION RATE (Note 3)
External reference
0.8
µs
Power-Up Time
tPU
Internal reference (Note 4)
218
Conversion
clock
cycles
Note: If the package power dissipation is not exceeded, one output at a time can be shorted to AVDD, DVDD, AGND, or DGND
indefinitely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com