Electronic Components Datasheet Search
  English  ▼

X  

MAX1021 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1021
Description  10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1021 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1021 Datasheet HTML 14Page - Maxim Integrated Products MAX1021 Datasheet HTML 15Page - Maxim Integrated Products MAX1021 Datasheet HTML 16Page - Maxim Integrated Products MAX1021 Datasheet HTML 17Page - Maxim Integrated Products MAX1021 Datasheet HTML 18Page - Maxim Integrated Products MAX1021 Datasheet HTML 19Page - Maxim Integrated Products MAX1021 Datasheet HTML 20Page - Maxim Integrated Products MAX1021 Datasheet HTML 21Page - Maxim Integrated Products MAX1021 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
10-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
18
______________________________________________________________________________________
Table 1. Command Byte (MSB First)
REGISTER NAME
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Conversion
1
X
CHSEL2
CHSEL1
CHSEL0
SCAN1
SCAN0
TEMP
Setup
0
1
CKSEL1
CKSEL0
REFSEL1
REFSEL0
DIFFSEL1
DIFFSEL0
ADC Averaging
0
0
1
AVGON
NAVG1
NAVG0
NSCAN1
NSCAN0
DAC Select
0
0
0
1
XXXX
Reset
0
0
0
0
1
RESET
SLOW
FBGON
GPIO Configure
0
0
000011
GPIO Write
0
0
000010
GPIO Read
0
0
000001
No Operation
0
0
000000
X = Don’t care.
Power-Up Default State
The MAX1021/MAX1043 power up with all blocks in
shutdown (including the reference). All registers power
up in state 00000000, except for the setup register and
the DAC input register. The setup register powers up at
00101000 with CKSEL1 = 1 and REFSEL1 = 1. The
DAC input register powers up to 3FFh when RES_SEL
is high, and it powers up to 000h when RES_SEL is low.
10-Bit ADC
The MAX1021/MAX1043 ADCs use a fully differential
successive-approximation register (SAR) conversion
technique and on-chip track-and-hold (T/H) circuitry to
convert temperature and voltage signals into 10-bit dig-
ital results. The analog inputs accept both single-ended
and differential input signals. Single-ended signals are
converted using a unipolar transfer function, and differ-
ential signals are converted using a selectable bipolar
or unipolar transfer function. See the
ADC Transfer
Functions section for more data.
ADC Clock Modes
When addressing the setup, register bits 5 and 4 of the
command byte (CKSEL1 and CKSEL0, respectively)
control the ADC clock modes. See Table 5. Choose
between four different clock modes for various ways to
start a conversion and determine whether the acquisi-
tions are internally or externally timed. Select clock
mode 00 to configure
CNVST/AIN_ to act as a conver-
sion start and use it to request internally timed conver-
sions, without tying up the serial bus. In clock mode 01,
use
CNVST to request conversions one channel at a
time, thereby controlling the sampling speed without
tying up the serial bus. Request and start internally
timed conversions through the serial interface by writ-
ing to the conversion register in the default clock mode,
10. Use clock mode 11 with SCLK up to 3.6MHz for
externally timed acquisitions to achieve sampling rates
up to 225ksps. Clock mode 11 disables scanning and
averaging. See Figures 6–9 for timing specifications on
how to begin a conversion.
These devices feature an active-low, end-of-conversion
output.
EOC goes low when the ADC completes the last
requested operation and is waiting for the next com-
mand byte.
EOC goes high when CS or CNVST go low.
EOC is always high in clock mode 11.
Single-Ended or Differential Conversions
The MAX1021/MAX1043 use a fully differential ADC for
all conversions. When a pair of inputs are connected as
a differential pair, each input is connected to the ADC.
When configured in single-ended mode, the positive
input is the single-ended channel and the negative
input is referred to AGND. See Figure 2.
In differential mode, the T/H samples the difference
between two analog inputs, eliminating common-mode
DC offsets and noise. IN+ and IN- are selected from the
following pairs: AIN0/AIN1, AIN2/AIN3, AIN4/AIN5,
AIN6/AIN7. See Tables 5–8 for more details on config-
uring the inputs. For the inputs that are configurable as
CNVST, REF2, and an analog input, only one function
can be used at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com