| Electronic Components Datasheet Search |
|
MAX1021 Datasheet(PDF) 33 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX1021 Datasheet(HTML) 33 Page - Maxim Integrated Products |
|
33 / 40 page ![]() 10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports ______________________________________________________________________________________ 33 Initiate a scan by writing a command byte to the conver- sion register. The MAX1021/MAX1043 then power up, scan all requested channels, store the results in the FIFO, and shut down. After the scan is complete, EOC is pulled low and the results are available in the FIFO. If a temperature measurement is requested, the tempera- ture result precedes all other FIFO results. Temperature results are available in 12-bit format. EOC stays low until CS is pulled low again. Wait until all conversions are complete before reading the FIFO. SPI communications to the DAC and GPIO registers are permitted during conversion. However, coupled noise may result in degraded ADC SNR. Externally Clocked Acquisitions and Conversions Using the Serial Interface ADC Conversions in Clock Mode 11 In clock mode 11, acquisitions and conversions are initiated by writing a command byte to the conversion register and are performed one at a time using SCLK as the conversion clock. Scanning, averaging, and the FIFO are disabled, and the conversion result is avail- able at DOUT during the conversion. Output data is updated on the rising edge of SCLK in clock mode 11. See Figure 9 for clock mode 11 timing. Initiate a conversion by writing a command byte to the conversion register followed by 16 SCLK cycles. If CS is pulsed high between the eighth and ninth cycles, the pulse width must be less than 100µs. To continuously convert at 16 cycles per conversion, alternate 1 byte of (UP TO 514 INTERNALLY CLOCKED ACQUISITIONS AND CONVERSIONS) CS DOUT MSB1 tRDS LSB1 MSB2 SCLK CNVST EOC Figure 6. Clock Mode 00—After writing a command byte, set CNVST low for at least 40ns to begin a conversion. (CONVERSION 2) tCSW tDOV (ACQUISITION 2) (ACQUISITION 1) (CONVERSION 1) CS DOUT MSB1 LSB1 MSB2 SCLK CNVST EOC Figure 7. Clock Mode 01—After writing a command byte, request multiple conversions by setting CNVST low for each conversion. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |