Electronic Components Datasheet Search
  English  ▼

X  

BF516F Datasheet(PDF) 52 Page - Analog Devices

Part # BF516F
Description  Blackfin Embedded Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BF516F Datasheet(HTML) 52 Page - Analog Devices

Back Button BF516F Datasheet HTML 48Page - Analog Devices BF516F Datasheet HTML 49Page - Analog Devices BF516F Datasheet HTML 50Page - Analog Devices BF516F Datasheet HTML 51Page - Analog Devices BF516F Datasheet HTML 52Page - Analog Devices BF516F Datasheet HTML 53Page - Analog Devices BF516F Datasheet HTML 54Page - Analog Devices BF516F Datasheet HTML 55Page - Analog Devices BF516F Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
Rev. B
|
Page 52 of 68
|
January 2011
ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F, BF518/BF518F
TEST CONDITIONS
All timing parameters appearing in this data sheet were mea-
sured under the conditions described in this section. Figure 53
shows the measurement point for ac measurements (except out-
put enable/disable). The measurement point VMEAS is VDDEXT/2
or VDDMEM/2 for VDDEXT/VDDMEM (nominal) = 1.8 V/2.5 V/3.3 V.
Output Enable Time Measurement
Output signals are considered to be enabled when they have
made a transition from a high impedance state to the point
when they start driving.
The output enable time tENA is the interval from the point when
a reference signal reaches a high or low voltage level to the point
when the output starts driving as shown on the right side of
Figure 54.
The time tENA_MEASURED is the interval from when the reference
signal switches to when the output voltage reaches VTRIP(high)
or VTRIP(low). For VDDEXT (nominal) = 1.8 V, VTRIP (high) is
0.95 V, and VTRIP (low) is 0.85 V. For VDDEXT (nominal) = 2.5 V,
VTRIP (high) is 1.3 V and VTRIP (low) is 1.2 V. For VDDEXT (nomi-
nal) = 3.3 V, VTRIP (high) is 1.7 V, and VTRIP (low) is 1.6 V. Time
tTRIP is the interval from when the output starts driving to when
the output reaches the VTRIP(high) or VTRIP(low) trip voltage.
Time tENA is calculated as shown in the equation:
If multiple signals (such as the data bus) are enabled, the mea-
surement value is that of the first signal to start driving.
Figure 50. Driver Type E Current (3.3V VDDEXT/VDDMEM)
Figure 51. Driver Type E Current (2.5V VDDEXT/VDDMEM)
Figure 52. Driver Type E Current (1.8V VDDEXT/VDDMEM)
0
SOURCE VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
60
30
20
–60
–30
–10
VOL
V
DDEXT = 3.6V @ – 40°C
V
DDEXT = 3.3V @ 25°C
–20
–40
10
40
V
DDEXT = 3.0V @ 105°C
50
–50
3.0
3.5
0
SOURCE VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
40
30
10
–40
–30
–10
VOL
V
DDEXT = 2.75V @ – 40°C
V
DDEXT = 2.5V @ 25°C
20
–20
V
DDEXT = 2.25V @ 105°C
3.5
0
SOURCE VOLTAGE (V)
0
0.5
1.0
1.5
20
15
10
–20
–15
–5
VOL
V
DDEXT = 1.9V @ – 40°C
V
DDEXT = 1.8V @ 25°C
–10
5
V
DDEXT = 1.7V @ 105°C
3.0
2.5
2.0
Figure 53. Voltage Reference Levels for AC
Measurements (Except Output Enable/Disable)
Figure 54. Output Enable/Disable
INPUT
OR
OUTPUT
VMEAS
VMEAS
REFERENCE
SIGNAL
tDIS
OUTPUT STARTS DRIVING
VOH (MEASURED) - ΔV
VOL (MEASURED) + ΔV
tDIS_MEASURED
VOH
(MEASURED)
VOL
(MEASURED)
VTRIP(HIGH)
VOH(MEASURED)
VOL(MEASURED)
HIGH IMPEDANCE STATE
OUTPUT STOPS DRIVING
tENA
tDECAY
tENA_MEASURED
tTRIP
VTRIP(LOW)
tENA
tENA_MEASURED tTRIP
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com