Electronic Components Datasheet Search
  English  ▼

X  

BF516F Datasheet(PDF) 32 Page - Analog Devices

Part # BF516F
Description  Blackfin Embedded Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BF516F Datasheet(HTML) 32 Page - Analog Devices

Back Button BF516F Datasheet HTML 28Page - Analog Devices BF516F Datasheet HTML 29Page - Analog Devices BF516F Datasheet HTML 30Page - Analog Devices BF516F Datasheet HTML 31Page - Analog Devices BF516F Datasheet HTML 32Page - Analog Devices BF516F Datasheet HTML 33Page - Analog Devices BF516F Datasheet HTML 34Page - Analog Devices BF516F Datasheet HTML 35Page - Analog Devices BF516F Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
Rev. B
|
Page 32 of 68
|
January 2011
ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F, BF518/BF518F
External DMA Request Timing
Table 29 and Figure 13 describe the External DMA Request
operations.
Table 29. External DMA Request Timing1
VDDMEM/VDDEXT
1.8 V Nominal
VDDMEM/VDDEXT
2.5 V/3.3 V Nominal
Parameter
Min
Max
Min
Max
Unit
Timing PRequirements
tDR
DMARx Asserted to CLKOUT High Setup
9
7.2
ns
tDH
CLKOUT High to DMARx Deasserted Hold Time
0
0
ns
tDMARACT
DMARx Active Pulse Width
tSCLK + 1
tSCLK + 1
ns
tDMARINACT
DMARx Inactive Pulse Width
1.75 × tSCLK
1.75 × tSCLK
ns
1 Because the external DMA control pins are part of the VDDEXT power domain and the CLKOUT signal is part of the VDDMEM power domain, systems in which VDDEXT and
VDDMEM are NOT equal may require level shifting logic for correct operation.
Figure 13. External DMA Request Timing
CLKOUT
tDS
DMAR0/1
(ACTIVE LOW)
DMAR0/1
(ACTIVE HIGH)
tDMARACT
tDMARINACT
tDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com