Electronic Components Datasheet Search
  English  ▼

X  

BF516F Datasheet(PDF) 16 Page - Analog Devices

Part # BF516F
Description  Blackfin Embedded Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BF516F Datasheet(HTML) 16 Page - Analog Devices

Back Button BF516F Datasheet HTML 12Page - Analog Devices BF516F Datasheet HTML 13Page - Analog Devices BF516F Datasheet HTML 14Page - Analog Devices BF516F Datasheet HTML 15Page - Analog Devices BF516F Datasheet HTML 16Page - Analog Devices BF516F Datasheet HTML 17Page - Analog Devices BF516F Datasheet HTML 18Page - Analog Devices BF516F Datasheet HTML 19Page - Analog Devices BF516F Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
Rev. B
|
Page 16 of 68
|
January 2011
ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F, BF518/BF518F
DESIGNING AN EMULATOR-COMPATIBLE
PROCESSOR BOARD (TARGET)
The Analog Devices family of emulators are tools that every sys-
tem developer needs in order to test and debug hardware and
software systems. Analog Devices has supplied an IEEE 1149.1
JTAG Test Access Port (TAP) on each JTAG processor. The
emulator uses the TAP to access the internal features of the pro-
cessor, allowing the developer to load code, set breakpoints,
observe variables, observe memory, and examine registers. The
processor must be halted to send data and commands, but once
an operation has been completed by the emulator, the processor
system is set running at full speed with no impact on
system timing.
To use these emulators, the target board must include a header
that connects the processor’s JTAG port to the emulator.
For details on target board design issues including mechanical
layout, single processor connections, multiprocessor scan
chains, signal buffering, signal termination, and emulator pod
logic, see (EE-68) Analog Devices JTAG Emulation Technical
Reference on the Analog Devices website (www.analog.com)—
use site search on “EE-68.” This document is updated regularly
to keep pace with improvements to emulator support.
RELATED DOCUMENTS
The following publications that describe the ADSP-BF512/
ADSP-BF514/ADSP-BF516/ADSP-BF518 processors (and
related processors) can be ordered from any Analog Devices
sales office or accessed electronically on our website:
• Getting Started With Blackfin Processors
• ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F,
BF518/BF518F Blackfin Processor Hardware Reference
• ADSP-BF53x/BF56x Blackfin Processor Programming
Reference
• ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F,
BF518/BF518F Blackfin Processor Anomaly List
RELATED SIGNAL CHAINS
A signal chain is a series of signal-conditioning electronic com-
ponents that receive input (data acquired from sampling either
real-time phenomena or from stored data) in tandem, with the
output of one portion of the chain supplying input to the next.
Signal chains are often used in signal processing applications to
gather and process data or to apply system controls based on
analysis of real-time phenomena. For more information about
this term and related topics, see the "signal chain" entry in
Wikipedia or the Glossary of EE Terms on the Analog Devices
website.
Analog Devices eases signal processing system development by
providing signal processing components that are designed to
work together well. A tool for viewing relationships between
specific applications and related components is available on the
www.analog.com website.
The Application Signal Chains page in the Circuits from the
Lab
TM site (http://www.analog.com/circuits) provides:
• Graphical circuit block diagram presentation of signal
chains for a variety of circuit types and applications
• Drill down links for components in each chain to selection
guides and application information
• Reference designs applying best practice design techniques
LOCKBOX SECURE TECHNOLOGY DISCLAIMER
Analog Devices products containing Lockbox Secure Technol-
ogy are warranted by Analog Devices as detailed in the Analog
Devices Standard Terms and Conditions of Sale. To our knowl-
edge, the Lockbox Secure Technology, when used in accordance
with the data sheet and hardware reference manual specifica-
tions, provides a secure method of implementing code and data
safeguards. However, Analog Devices does not guarantee that
this technology provides absolute security. ACCORDINGLY,
ANALOG DEVICES HEREBY DISCLAIMS ANY AND ALL
EXPRESS AND IMPLIED WARRANTIES THAT THE LOCK-
BOX SECURE TECHNOLOGY CANNOT BE BREACHED,
COMPROMISED, OR OTHERWISE CIRCUMVENTED AND
IN NO EVENT SHALL ANALOG DEVICES BE LIABLE FOR
ANY LOSS, DAMAGE, DESTRUCTION, OR RELEASE OF
DATA, INFORMATION, PHYSICAL PROPERTY, OR INTEL-
LECTUAL PROPERTY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com