Electronic Components Datasheet Search
  English  ▼

X  

BF516F Datasheet(PDF) 33 Page - Analog Devices

Part # BF516F
Description  Blackfin Embedded Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BF516F Datasheet(HTML) 33 Page - Analog Devices

Back Button BF516F Datasheet HTML 29Page - Analog Devices BF516F Datasheet HTML 30Page - Analog Devices BF516F Datasheet HTML 31Page - Analog Devices BF516F Datasheet HTML 32Page - Analog Devices BF516F Datasheet HTML 33Page - Analog Devices BF516F Datasheet HTML 34Page - Analog Devices BF516F Datasheet HTML 35Page - Analog Devices BF516F Datasheet HTML 36Page - Analog Devices BF516F Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F, BF518/BF518F
Rev. B
|
Page 33 of 68
|
January 2011
Parallel Peripheral Interface Timing
Table 30 and Figure 15 on Page 33, Figure 21 on Page 38, and
Figure 24 on Page 40 describe parallel peripheral interface
operations.
Table 30. Parallel Peripheral Interface Timing
VDDEXT
1.8 V Nominal
VDDEXT
2.5 V/3.3 V Nominal
Parameter
Min
Max
Min
Max
Unit
Timing Requirements
tPCLKW
PPI_CLK Width
tSCLK – 1.5
tSCLK – 1.5
ns
tPCLK
PPI_CLK Period
2 × tSCLK – 1.5
2 × tSCLK – 1.5
ns
Timing Requirements - GP Input and Frame Capture Modes
tPSUD
External Frame Sync Startup Delay1
4 × tPCLK
4 × tPCLK
ns
tSFSPE
External Frame Sync Setup Before PPI_CLK
(Nonsampling Edge for Rx, Sampling Edge for Tx)
6.7
6.7
ns
tHFSPE
External Frame Sync Hold After PPI_CLK
1.75
1.75
ns
tSDRPE
Receive Data Setup Before PPI_CLK
4.1
3.5
ns
tHDRPE
Receive Data Hold After PPI_CLK
2
1.6
ns
Switching Characteristics - GP Output and Frame Capture Modes
tDFSPE
Internal Frame Sync Delay After PPI_CLK
8
8
ns
tHOFSPE
Internal Frame Sync Hold After PPI_CLK
1.7
1.7
ns
tDDTPE
Transmit Data Delay After PPI_CLK
8.2
8
ns
tHDTPE
Transmit Data Hold After PPI_CLK
2.3
1.9
ns
1 The PPI port is fully enabled 4 PPI clock cycles after the PAB write to the PPI port enable bit. Only after the PPI port is fully enabled are external frame syncs and data words
guaranteed to be received correctly by the PPI peripheral.
Figure 14. PPI with External Frame Sync Timing
Figure 15. PPI GP Rx Mode with External Frame Sync Timing
PPI_CLK
PPI_FS1/2
tPSUD
tPCLK
tSFSPE
DATA SAMPLED /
FRAME SYNC SAMPLED
DATA SAMPLED /
FRAME SYNC SAMPLED
PPI_DATA
PPI_CLK
PPI_FS1/2
tHFSPE
tHDRPE
tSDRPE
tPCLKW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com