Electronic Components Datasheet Search
  English  ▼

X  

BF516F Datasheet(PDF) 64 Page - Analog Devices

Part # BF516F
Description  Blackfin Embedded Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BF516F Datasheet(HTML) 64 Page - Analog Devices

Back Button BF516F Datasheet HTML 60Page - Analog Devices BF516F Datasheet HTML 61Page - Analog Devices BF516F Datasheet HTML 62Page - Analog Devices BF516F Datasheet HTML 63Page - Analog Devices BF516F Datasheet HTML 64Page - Analog Devices BF516F Datasheet HTML 65Page - Analog Devices BF516F Datasheet HTML 66Page - Analog Devices BF516F Datasheet HTML 67Page - Analog Devices BF516F Datasheet HTML 68Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
Rev. B
|
Page 64 of 68
|
January 2011
ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F, BF518/BF518F
SURFACE-MOUNT DESIGN
Table 56 is provided as an aid to PCB design. For industry
standard design recommendations, refer to IPC-7351, Generic
Requirements for Surface Mount Design and Land Pattern
Standard.
Figure 73. 168-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-168-1)
Dimensions shown in millimeters
0.80
BSC
10.40
BSC SQ
12.10
12.00 SQ
11.90
COMPLIANT TO JEDEC STANDARDS MO-275-GGAB-1.
0.80
REF
0.70
REF
0.36
REF
A
B
C
D
E
F
G
9
10
8
11
12
7
5
642
31
BOTTOM VIEW
H
J
K
L
M
DETAIL A
TOP VIEW
DETAIL A
COPLANARITY
0.20
0.50
0.45
0.40
BALL DIAMETER
SEATING
PLANE
A1 BALL
CORNER
A1 BALL
CORNER
0.34 NOM
0.29 MIN
1.50
1.40
1.30
1.12
1.06
1.00
14 13
N
P
Table 56. BGA Data for Use with Surface-Mount Design
Package
Package Ball Attach Type
Package Solder Mask
Opening
Package Ball Pad Size
168-Ball CSP_BGA
Solder Mask Defined
0.35 mm diameter
0.48 mm diameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com