Electronic Components Datasheet Search
  English  ▼

X  

320554 Datasheet(PDF) 12 Page - Tyco Electronics

Part # 320554
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

320554 Datasheet(HTML) 12 Page - Tyco Electronics

Back Button 320554 Datasheet HTML 8Page - Tyco Electronics 320554 Datasheet HTML 9Page - Tyco Electronics 320554 Datasheet HTML 10Page - Tyco Electronics 320554 Datasheet HTML 11Page - Tyco Electronics 320554 Datasheet HTML 12Page - Tyco Electronics 320554 Datasheet HTML 13Page - Tyco Electronics 320554 Datasheet HTML 14Page - Tyco Electronics 320554 Datasheet HTML 15Page - Tyco Electronics 320554 Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
18
Ring Tongue Terminal
90° Bend
Material
Insulation — Vinyl, UL 94V-0
Terminal Body and Metallic
Sleeve — Copper per ASTM B-152
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72
Tongue
Dimensions
Wire
Part Number
Wire Size
Material
Stud
Terminal
Insulation
Cicular Mils
Thickness
Size
W
D
Insulation
Diameter
Loose
[mm2]
Max.
Min.
Color
Max.
Piece
22-16
.033
.312
.157
.140
Vinyl
509-3,260
10
Red
55148-1
[0.26-1.65]
0.84
7.92
3.99
3.56
12-10
.040
.375
.206
.250
Nylon
5,180-13,100
6
Yellow
696020-1
[2.62-6.64]
1.02
9.53
5.23
6.35
Rectangular Tongue
Terminals 90° Bend
(Insulation Restricting)
Material
Insulation — Nylon
Terminal Body — Copper per
ASTM B-152
Plating — Tin per MIL-T-10727
Metallic Sleeve — Copper per
ASTM B-152
Plating — Nickel per QQ-N-290 or Tin
per MIL-T-10727
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72
Wire Size
Tongue
Dimensions
Terminal
Wire
Part Numbers
Circular Mils
Material
Stud
Insulation
Insulation
[mm2]
Thickness
Size
W
C
L
D
X
Color
Diameter
Loose
Max.
Max.
Solid /Stripe
Range
Piece
18
.033
.375
.406
.847
.281
.187
.056-.110
1,900
10
Red/White
1-325106-2
[0.96]
0.84
9.53
10.31
21.51
7.14
4.75
1.42-2.79
12
.042
.375
.406
1.037
.281
.187
.095-.200
6,654
10
Yellow/Yellow
1-328451-0
[3.37]
1.07
9.53
10.31
26.34
7.14
4.75
2.41-5.08
Note: “C” dimension applies from edge of metal wire barrel to underside of bent tongue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com