Electronic Components Datasheet Search
  English  ▼

X  

320554 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 320554
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

320554 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 320554 Datasheet HTML 2Page - Tyco Electronics 320554 Datasheet HTML 3Page - Tyco Electronics 320554 Datasheet HTML 4Page - Tyco Electronics 320554 Datasheet HTML 5Page - Tyco Electronics 320554 Datasheet HTML 6Page - Tyco Electronics 320554 Datasheet HTML 7Page - Tyco Electronics 320554 Datasheet HTML 8Page - Tyco Electronics 320554 Datasheet HTML 9Page - Tyco Electronics 320554 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
12
Wire Size
Tongue
Dimensions
Wire
Part Numbers
Circular Mils
Material
Stud
Terminal
Insulation
[mm2]
Thickness
Size
W
C
E
L
Insulation
Diameter
Loose
Tape
Max.
Min.
Max.
Max.
Color
Max.
Piece
Mounted
Ring Tongue Terminals
(Continued)
3/8
.531
.437
1.028
1.296
Yellow/Blk.
.230
330896
—
13.49
11.10
26.11
32.92
5.84
16-14HD1
.750
.625
1.216
1.594
Yellow/Blk.
.250
35316*
—
2,050-5,180
.050
1/2
19.05
15.88
30.89
40.49
6.35
[1.04-2.62]
1.27
M12
1.250
1.000
1.591
2.219
Yellow/Blk.
.250
36203
—
31.75
25.40
40.41
56.36
6.35
3/4
1.250
1.000
1.591
2.219
Yellow/Blk.
.250
322724
—
31.75
25.40
40.41
56.36
6.35
4
.281
.219
.810
.953
Yellow
.250
35148*
1-35148-1
7.14
5.56
20.57
24.21
6.35
.281
.219
.810
.953
Yellow
.230
320634*
2-320634-1
7.14
5.56
20.57
24.21
5.84
.281
.219
.810
.953
Yellow
.250
35149*
2-35149-1
7.14
5.56
20.57
24.21
6.35
6
.312
.302
.893
1.052
Yellow
.230
326886
326886-1
M3.5
7.92
7.67
22.68
26.72
5.84
.375
.302
.893
1.083
Yellow
.230
320567*
2-320567-2
9.53
7.67
22.68
27.51
5.84
.375
.302
.893
1.083
Yellow
.250
35107*
2-35107-1
9.53
7.67
22.68
27.51
6.35
.312
.281
.872
1.031
Yellow
.230
35787*
1-35787-0
7.92
7.14
22.15
26.19
5.84
.312
.302
.893
1.052
Yellow
.230
324915*
—
8
7.92
7.67
22.68
26.72
5.84
M4
.375
.302
.893
1.083
Yellow
.230
320568*
2-320568-1
9.53
7.67
22.68
27.51
5.84
.375
.302
.893
1.083
Yellow
.250
35108*
2-35108-1
12-10
.042
9.53
7.67
22.68
27.51
6.35
5,180-13,100
1.07
.312
.302
.893
1.052
Yellow
.230
324918*
1-324918-0
[2.62-6.64]
7.92
7.67
22.68
26.72
5.84
.343
.281
.872
1.046
Yellow
.230
32883*
1-32883-0
8.71
7.14
22.15
26.57
5.84
.375
.302
.893
1.083
Yellow
.230
36161*
2-36161-2
10
9.53
7.67
22.68
27.51
5.84
.375
.302
.893
1.083
Yellow
.250
35109*
2-35109-1
9.53
7.67
22.68
27.51
6.35
.500
.344
.935
1.188
Yellow
.230
2-323762-1
2-323762-3
12.70
8.74
23.75
30.18
5.84
.500
.344
1.179
1.432
Yellow
.220
329389
—
12.70
8.74
29.95
36.37
5.59
.500
.344
.935
1.188
Yellow
.230
35273*
2-35273-2
12.70
8.74
23.75
30.18
5.84
1/4
.531
.468
1.054
1.322
Yellow
.230
320569*
2-320569-3
M6
13.49
11.89
26.77
33.58
5.84
.531
.468
1.054
1.322
Yellow
.230
—
2-32545-42
13.49
11.89
26.77
33.58
5.84
.531
.468
1.054
1.322
Yellow
.250
35110*
2-35110-1
13.49
11.89
26.77
33.58
6.35
*Available in small packaging quantities.
1
Heavy duty for extra mechanical strength.
2
Terminal body plating— Gold per MIL-G-45204 Type II over Nickel per QQ-N-290.
3
Terminal body plating— Nickel per QQ-N-290.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Material
Insulation — Nylon, UL 94V-2
Terminal Body and Metallic
Sleeve — Copper per ASTM B-152
Plating — Tin per ASTM B-545 except
where noted.
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com