Electronic Components Datasheet Search
  English  ▼

X  

320554 Datasheet(PDF) 29 Page - Tyco Electronics

Part # 320554
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

320554 Datasheet(HTML) 29 Page - Tyco Electronics

Back Button 320554 Datasheet HTML 22Page - Tyco Electronics 320554 Datasheet HTML 23Page - Tyco Electronics 320554 Datasheet HTML 24Page - Tyco Electronics 320554 Datasheet HTML 25Page - Tyco Electronics 320554 Datasheet HTML 26Page - Tyco Electronics 320554 Datasheet HTML 27Page - Tyco Electronics 320554 Datasheet HTML 28Page - Tyco Electronics 320554 Datasheet HTML 29Page - Tyco Electronics 320554 Datasheet HTML 30Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG FASTON (Continued)
35
Receptacles (Continued)
Wire Size
Dimensions
Terminal
Wire
Fits
Part Numbers
Series
Circular Mils
Style
W
L
Insulation
Insulation
Recept.
Stock
Tab
Loose
Tape
Strip
[mm2]
Nom.
Max.
Color
Diameter
Matl.
Thk.
Thk.
Piece
Mounted
Form
Max.
16-14
.230
.800
Blue
.170
Brass
.016
.020
640919-1* 640919-2 640918-1
.187
2,050-5,180
B
5.84
20.32
4.32
0.41
0.51
[1.04-2.62]
.230
.900
Blue
.250
Brass
.016
.020
696108-1
696108-2
—
5.84
22.86
6.35
0.41
0.51
22-18
.230
.800
.145
.016
.032
.187
509-1,900
Red
Brass
184268-1
184268-2 184267-1
Low
[0.26-0.96]
5.84
22.86
3.68
.406
.813
Insertion
16-14
.300
.900
.173
.016
.032
2,050-5,180
Blue
Brass
184235-1
184235-2 184234-1
[1.04-2.62]
7.62
22.86
4.39
.406
.813
.148
.734
Natural
.110
Brass
.012
.016
61048-1*†
61048-2†
—
3.76
18.64
2.79
0.30
0.41
.110
22-18
.148
.734
Natural
.110
Brass
.012
.020
61060-1*†
61060-2†
61059-2†
509-1,900
B
3.76
18.64
2.79
0.30
0.51
Standard
.148
.734
Natural
.110
Brass
.012
.032
60894-1*†
60894-2†
60893-2†
[0.26-0.96]
3.76
18.64
2.79
0.30
0.81
.148
.734
Black
.110
Brass
.012
.032
—
61678-2†
—
3.76
18.64
2.79
0.30
0.81
26-24
.160
.700
.082
.016
.020
238-475
A
Yellow
Brass
641324-1† 641324-2†
—
[0.12-0.24]
4.06
17.78
2.08
0.41
0.51
.160
.796
Red
.140
Brass
.016
.012
—
—
350871-1†
Standard
4.06
20.22
3.56
0.41
0.30
22-18
.160
.800
Red
.140
Brass
.016
.016
640921-1
640921-2
—
.11
Low
0
509-1,900
A
4.06
20.32
3.56
0.41
0.41
[0.26-0.96]
.160
.800
Red
.140
Brass
.016
.020
640923-1* 640923-2 640922-1
4.06
20.32
3.56
0.41
0.51
.160
.800
Red
.140
Brass
.016
.032
640925-1* 640925-2 640924-1
Insertion
4.06
20.32
3.56
0.41
0.81
A
.160
.800
Blue
.170
Brass
.016
.020
640929-1* 640929-2
—
4.06
20.32
4.32
0.41
0.51
16-14
A
.160
.800
Blue
.170
Brass
.016
.032
640931-1* 640931-2
—
2,050-5,180
4.06
20.32
4.32
0.41
0.81
[1.04-2.62]
B
.160
.800
Blue
.170
Brass
.016
.016
640927-1
640927-2
—
4.06
20.32
4.32
0.41
0.41
C
.160
.796
Blue
.170
Brass
.016
.032
641317-1
—
—
4.06
20.19
4.32
0.41
0.81
†Not UL or CSAapproved or listed.
*Available in small packaging quantities.
Receptacles
(Insulation Restricting)
Material
Insulation — Nylon, UL 94V-2
Receptacle Body — Brass per
ASTM B-36
Receptacle Style B — Dimple with
wire stop
Plating — Tin per ASTM B-545
Metallic Sleeve — Copper per
ASTM B-152
Plating — Tin per ASTM B-545 or
Nickel per QQ-N-290
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 73
Wire Size
Dimensions
Terminal
Wire
Fits
Part Numbers
Series
Circular Mils
Style
W
L
Insulation
Insulation
Recept.
Stock
Tab
Loose
Tape
Strip
[mm2]
Nom.
Max.
Color
Diameter
Matl.
Thk.
Thk.
Piece
Mounted
Form
Solid / Stripe
Range
.110
22
.148
.780
Red/
.040-.080
.012
.016
754
B
Brass
55319-1
55319-3
—
Standard
[0.38]
3.76
19.81
Green
1.02-2.03
0.30
0.41
.110
Low
Insertion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com