Electronic Components Datasheet Search
  English  ▼

X  

320554 Datasheet(PDF) 27 Page - Tyco Electronics

Part # 320554
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

320554 Datasheet(HTML) 27 Page - Tyco Electronics

Back Button 320554 Datasheet HTML 22Page - Tyco Electronics 320554 Datasheet HTML 23Page - Tyco Electronics 320554 Datasheet HTML 24Page - Tyco Electronics 320554 Datasheet HTML 25Page - Tyco Electronics 320554 Datasheet HTML 26Page - Tyco Electronics 320554 Datasheet HTML 27Page - Tyco Electronics 320554 Datasheet HTML 28Page - Tyco Electronics 320554 Datasheet HTML 29Page - Tyco Electronics 320554 Datasheet HTML 30Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG FASTON
33
Product Facts
s
Pre-insulated terminal
designed for uniformed
reliability in most difficult
circuit environment
s
Consists of an unplated or
tin-plated brass body or a
tin-plated phosphor bronze
body with a specially
designed copper sleeve
and insulation sleeve fitted
over the terminal barrel
s
Design of the tool dies and
construction of the terminal
permits uniform insulation
thickness under crimping
pressure, transmitting this
pressure evenly to the cen-
ter of the crimp area
The AMP Mated
Tool/Terminal Concept
s
AMP compression crimping
produces crimps for a given
size wire and terminal that
are alike in appearance and
performance
s
Terminal and the crimping
tool are designed as uni -
form matched devices
s
Dies are precision-
engineered from the finest
hard-metal alloys
s
Crimping pressure is con-
trolled by a ratchet device on
the hand tool or a correspond-
ing pre-calibration in the
crimping jaws of AMP auto -
mated crimping machines
The Crimp
s
When done properly,
crimping pressure can nei-
ther overstress nor under-
stress the terminal barrel —
machined dies fully bottom
to the precise crimp height
s
Resulting termination is
free of contamination
s
Resistant to shock and criti-
cal environments
s
Tensile strength approaches
that of the wire itself
Table of Contents
Terminals
Receptacles . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34-35
Receptacles (Insulation Restricting) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Splices
Line Splice Connector for “250” Series and “187” Series. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Basic Terminal Material. The basic terminal
is constructed of fine grade high conductivity
brass per ASTM B-36 or phosphor bronze
per ASTM B-139. The brass terminal is either
unplated or tin-plated per ASTM B-545.
The phosphor bronze terminal is tin-plated per
ASTM B-545. AMP’s special plating process
creates durable corrosion resistance to salt
spray and most chemical fumes.
Color Coding. Terminal insulation is
color-coded by wire range to prevent
errors during installation.
Serrations. Serrations inside
barrel provide maximum contact
and tensile strength after crimping.
Funnel Ramp Entry.
Prevents a turned back strand and
rapid wire insertion during high
speed production.
Copper Sleeve. The specially
designed copper sleeve,
fitted over the terminal barrel,
provides circumferential
insulation support to the
wire and allows the wire to
be bent in any direction,
without fraying the wire’s
insulation or breaking
the conductor.
Temperature Rating: 105°C Max.
AMP PIDG FASTON Terminals
(Use Type TETRA-CRIMP*Tooling)
AMP
Component
Wire
Recognized
LR 7189
Range
File E 66717
Certified
22-18
22-18 Stranded
16-14
16-14 Stranded
300 V Max., 105°C. Max.1
12-10
12-10 Stranded
1
UL& CSA— Nylon except where noted
Nylon Insulation. Nylon
sleeve has high dielectric
strength.
AMP PIDG FASTON
Line Splice Connectors
“250” Series
Component
105°C
105°C
Recognized
Max.
LR 7189
Max.
File E 66717 (Vinyl)
Certified
(Vinyl)
AMPPart No.
600 V
AMPPart No.
300 V
1-321235-0
Max.
1-321235-0
Max.
1-321235-1
1-321235-1
321235
300 V
321235
300 V
321688
Max.
321688
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com