Electronic Components Datasheet Search
  English  ▼

X  

320554 Datasheet(PDF) 17 Page - Tyco Electronics

Part # 320554
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

320554 Datasheet(HTML) 17 Page - Tyco Electronics

Back Button 320554 Datasheet HTML 13Page - Tyco Electronics 320554 Datasheet HTML 14Page - Tyco Electronics 320554 Datasheet HTML 15Page - Tyco Electronics 320554 Datasheet HTML 16Page - Tyco Electronics 320554 Datasheet HTML 17Page - Tyco Electronics 320554 Datasheet HTML 18Page - Tyco Electronics 320554 Datasheet HTML 19Page - Tyco Electronics 320554 Datasheet HTML 20Page - Tyco Electronics 320554 Datasheet HTML 21Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
23
Flanged Spade Tongue
Terminals
Material
Insulation — Nylon, UL 94V-2
Terminal Body and Metallic
Sleeve — Copper per ASTM B-152
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72
Wire Size
Tongue
Dimensions
Wire
Part Numbers
Circular Mils
Material
Stud
Terminal
Insulation
[mm2]
Thickness
Size
W
C
E
L
X
H
Insulation
Diameter
Loose
Tape
Max.
Min.
Max.
Max.
Min.
Color
Max.
Piece
Mounted
2
.182
.203
.534
.649
.110
.026
Yellow
.082
324597*
2-324597-1
M2
4.62
5.16
13.56
16.48
2.79
0.66
2.08
26-22
.020
4
.193
.203
.534
.649
.110
.026
Yellow
.082
52369*
52369-1
202-810
0.51
4.90
5.16
13.56
16.48
2.79
0.66
2.08
[0.10-0.41]
6
.250
.203
.534
.649
.110
.026
Yellow
.082
51874*
51874-1
M3.5
6.35
5.16
13.56
16.48
2.79
0.66
2.08
.182
.203
.607
.727
.115
.041
Red
.125
2-324608-2
—
2
4.62
5.16
15.42
18.47
2.92
1.04
3.18
M2
.182
.203
.607
.727
.115
.041
Red
.140
324608*
2-324608-1
4.62
5.16
15.42
18.47
2.92
1.04
3.56
.250
.203
.607
.737
.125
.046
Red
.125
322777*
2-322777-1
6.35
5.16
15.42
18.72
3.18
1.17
3.18
.265
.203
.607
.737
.125
.046
Red
.140
322426
—
6.73
5.16
15.42
18.72
3.18
1.17
3.56
6
.296
.203
.607
.737
.125
.046
Red
.125
32561*
2-32561-1
22-16
M3.5
7.52
5.16
15.42
18.72
3.18
1.17
3.18
.033
.296
.203
.607
.737
.125
.046
Red
.140
32562*
2-32562-1
509-3,260
0.84
7.52
5.16
15.42
18.72
3.18
1.17
3.56
[0.26-1.65]
.328
.203
.607
.737
.125
.046
Red
.140
324557
2-324557-1
8.33
5.16
15.42
18.72
3.18
1.17
3.56
.296
.203
.607
.737
.125
.046
Red
.140
2-32562-2
2-32562-3
7.52
5.16
15.42
18.72
3.18
1.17
3.56
8
.416
.250
.654
.830
.171
.062
Red
.125
32497
2-32497-1
M4
10.57
6.35
16.61
21.08
4.34
1.57
3.18
.416
.250
.654
.830
.171
.062
Red
.140
32498*
2-32498-1
10.57
6.35
16.61
21.08
4.34
1.57
3.56
10
.296
.203
.607
.737
.125
.046
Red
.140
1-331366-0
1-331366-1
7.52
5.16
15.42
18.72
3.18
1.17
3.56
.294
.203
.607
.737
.125
.047
Blue
.150
2-320861-2
2-320861-3
7.47
5.16
15.42
18.72
3.18
1.19
3.81
6
.294
.203
.607
.737
.125
.047
Blue
.170
320861*
2-320861-1
M3.5
7.47
5.16
15.42
18.72
3.18
1.19
4.32
.328
.203
.607
.737
.125
.047
Blue
.170
324567*
—
8.33
5.16
15.42
18.72
3.18
1.19
4.32
16-14
.033
.294
.203
.607
.737
.125
.047
Blue
.170
320862*
2-320862-1
2,050-5,180
0.84
7.47
5.16
15.42
18.72
3.18
1.19
4.32
[1.04-2.62]
8
.416
.250
.654
.830
.171
.062
Blue
.150
33155*
—
M4
10.57
6.35
16.61
21.08
4.34
1.57
3.81
.416
.250
.654
.830
.171
.062
Blue
.170
33156
2-33156-1
10.57
6.35
16.61
21.08
4.34
1.57
4.32
10
.294
.203
.607
.737
.125
.052
Blue
.170
320863*
2-320863-2
7.47
5.16
15.42
18.72
3.18
1.19
4.32
.296
.250
.841
1.017
.171
.052
Yellow
.230
324577
1-324577-0
7.52
6.35
21.36
25.83
4.34
1.32
5.84
6
.296
.250
.841
1.017
.171
.052
Yellow
.250
325150*
—
M3.5
7.52
6.35
21.36
25.83
4.34
1.32
6.35
.328
.250
.841
1.017
.171
.052
Yellow
.230
324587
—
12-10
.042
8.33
6.35
21.36
25.83
4.34
1.32
5.84
5,180-13,100
1.07
8
.416
.250
.841
1.017
.171
.052
Yellow
.230
32510*
2-32510-1
[2.62-6.64]
M4
10.57
6.35
21.36
25.83
4.34
1.32
5.84
.416
.250
.841
1.017
.171
.052
Yellow
.230
326865
2-326865-1
10
10.57
6.35
21.36
25.83
4.34
1.32
5.84
.416
.250
.841
1.017
.171
.052
Yellow
.250
324015*
2-324015-1
10.57
6.35
21.36
25.83
4.34
1.32
6.35
*Available in small packaging quantities.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com