Electronic Components Datasheet Search
  English  ▼

X  

320554 Datasheet(PDF) 26 Page - Tyco Electronics

Part # 320554
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

320554 Datasheet(HTML) 26 Page - Tyco Electronics

Back Button 320554 Datasheet HTML 22Page - Tyco Electronics 320554 Datasheet HTML 23Page - Tyco Electronics 320554 Datasheet HTML 24Page - Tyco Electronics 320554 Datasheet HTML 25Page - Tyco Electronics 320554 Datasheet HTML 26Page - Tyco Electronics 320554 Datasheet HTML 27Page - Tyco Electronics 320554 Datasheet HTML 28Page - Tyco Electronics 320554 Datasheet HTML 29Page - Tyco Electronics 320554 Datasheet HTML 30Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
32
PIDG (Pre-Insulated Diamond Grip) (Continued)
Butt Splice Step Down
Adapter Inserts1
Material
Adapter Body — Copper per
ASTM B-152
Plating — Zinc Plate / DyeChromate
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72
Butt Splice
Adapter Insert
Wire Size
Part No.
Wire Size
Dimension
Color
Part Numbers
Circular Mils
Circular Mils
L
Code
[mm2]
[mm2]
.350
Red
1-327635-1
16-14
320562
22-18
8.89
2,050-5,180
509-1,900
.402
Red
327635*
[1.04-2.62]
[0.26-0.96]
10.21
22-18
.562
509-1,900
Red
327636*
12-10
320570
[0.26-0.96]
14.27
5,180-13,100
16-14
.562
[2.62-6.64]
2,050-5,180
Blue
327637*
1.04-2.62]
14.27
*Available in small packaging quantities.
1
Adapter inserts can be ordered separately for use in specific Standard PIDG Butt Splices.
Knife Disconnect
Splices
Material
Insulation — Nylon, UL 94V-2
Splice Body and Metallic
Sleeve — Copper per ASTM B-152
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72
Wire Size
Dimensions
Splice
Wire
Part Numbers
Circular Mils
Material
W
L
Insulation
Insulation
Loose Piece
Tape Mounted
[mm2]
Thickness
Max.
Color
Diameter
Max.
.203
.878
Red
.125
320555*
—
22-16
.031
5.16
22.30
3.18
509-3,260
0.79
.203
.878
Red
.140
32446*
2-32446-1
[0.26-1.65]
5.16
22.30
3.56
.203
.878
Blue
.150
320566*
—
16-14
.031
5.16
22.30
3.81
2,050-5,180
0.79
.203
.878
Blue
.170
32448*
—
[1.04-2.62]
5.16
22.30
4.32
.281
1.234
Yellow
.230
320620*
—
12-10
.040
7.14
31.34
5.84
5,180-13,100
1.02
.281
1.260
Yellow
.250
35762*
—
[2.62-6.64]
7.14
32.00
6.35
*Available in small packaging quantities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com