Electronic Components Datasheet Search
  English  ▼

X  

320554 Datasheet(PDF) 20 Page - Tyco Electronics

Part # 320554
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

320554 Datasheet(HTML) 20 Page - Tyco Electronics

Back Button 320554 Datasheet HTML 16Page - Tyco Electronics 320554 Datasheet HTML 17Page - Tyco Electronics 320554 Datasheet HTML 18Page - Tyco Electronics 320554 Datasheet HTML 19Page - Tyco Electronics 320554 Datasheet HTML 20Page - Tyco Electronics 320554 Datasheet HTML 21Page - Tyco Electronics 320554 Datasheet HTML 22Page - Tyco Electronics 320554 Datasheet HTML 23Page - Tyco Electronics 320554 Datasheet HTML 24Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
26
Slotted Ring Tongue
Terminals
Material
Insulation — Nylon except where
noted.
Terminal Body and Metallic
Sleeve — Copper per ASTM B-152
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72
Wire Size
Tongue
Dimensions
Wire
Part Numbers
Circular Mils
Material
Stud
Terminal
Insulation
[mm2]
Thickness
Size
W
C
E
L
Insulation
Diameter
Loose
Tape
Max.
Min.
Max.
Max.
Color
Max.
Piece
Mounted
26-22
.020
6
.250
.281
.612
.719
.082
202-810
Yellow
323011
2-323011-2
[0.10-0.41]
0.51
M3.5
6.35
7.14
15.54
18.26
2.08
6
.312
.281
.685
.828
Red
.140
35216*
2-35216-1
M3.5
7.92
7.14
17.40
21.03
3.56
8
.281
.250
.654
.770
Red
.140
36954*
2-36954-2
22-16
.033
M4
7.14
6.35
16.61
19.56
3.56
509-3,260
0.84
10
.312
.281
.685
.812
Red
.125
331453
1-331453-0
[0.26-1.65]
7.92
7.14
17.40
20.62
3.18
1/4
.469
.437
.841
1.039
Red
.125
321808
—
M6
11.91
11.10
21.36
26.39
3.18
6
.343
.281
.685
.844
Blue
.170
34406
—
16-14
.033
M3.5
8.71
7.14
17.40
21.44
4.32
2,050-5,180
0.84
8
.344
.281
.685
.837
Blue
.170
35440
—
[1.04-2.62]
M4
8.74
7.14
17.40
21.26
4.32
16-14 HD
.048
.750
.625
1.216
1.594
.250
2,050-5,180
1.22
3/8
19.05
15.88
30.89
40.49
Yellow/Black
6.35
696077-2
696077-1
[1.04-2.62]
12-10
.042
1/4
.531
.468
1.156
1.390
Yellow
.300
3216111
—
5,180-13,100
1.07
M6
13.49
11.89
29.36
35.31
7.62
[2.62-6.64]
.040
3/8
.750
.625
1.216
1.594
Yellow
.250
696076-2
696076-1
1.02
19.05
15.88
30.89
40.49
6.35
*Available in small packaging quantities.
1
Insulation—Vinyl.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Hook Tongue
Terminals
Material
Insulation — Nylon except where
noted.
Terminal Body and Metallic
Sleeve — Copper per ASTM B-152
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72
Wire Size
Tongue
Dimensions
Wire
Part Numbers
Circular Mils
Material
Stud
Terminal
Insulation
[mm2]
Thickness
Size
W
C
E
L
Insulation
Diameter
Loose
Tape
Max.
Min.
Max.
Max.
Color
Max.
Piece
Mounted
22-16
6
.281
.203
.607
.750
Red
.140
34313*
—
509-3,260
0.84
M3.5
7.14
5.16
15.42
19.05
3.56
.033
8
.343
.296
.705
.879
Red
.140
32456
—
[0.26-1.65]
M4
8.71
7.52
17.91
22.33
3.56
6
.343
.281
.685
.859
Blue
.150
320381
2-320381-1
M3.5
8.71
7.14
17.40
21.82
3.81
16-14
.033
8
.343
.281
.685
.859
Blue
.170
320306*
2-320306-1
2,050-5,180
0.84
M4
8.71
7.14
17.40
21.82
4.32
[1.04-2.62]
10
.343
.281
.685
.859
Blue
.170
354811
—
8.71
7.14
17.40
21.82
4.32
*Available in small packaging quantities.
1
Insulation—Vinyl.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com