Electronic Components Datasheet Search
  English  ▼

X  

320554 Datasheet(PDF) 23 Page - Tyco Electronics

Part # 320554
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

320554 Datasheet(HTML) 23 Page - Tyco Electronics

Back Button 320554 Datasheet HTML 19Page - Tyco Electronics 320554 Datasheet HTML 20Page - Tyco Electronics 320554 Datasheet HTML 21Page - Tyco Electronics 320554 Datasheet HTML 22Page - Tyco Electronics 320554 Datasheet HTML 23Page - Tyco Electronics 320554 Datasheet HTML 24Page - Tyco Electronics 320554 Datasheet HTML 25Page - Tyco Electronics 320554 Datasheet HTML 26Page - Tyco Electronics 320554 Datasheet HTML 27Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
29
PIDG (Pre-Insulated Diamond Grip) (Continued)
Shur-Plug Terminal
Material
Insulation — Nylon, UL 94V-2
Terminal Body and Metallic
Sleeve — Copper per ASTM B-152
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72
Wire Size
Dimension
Terminal
Wire Insulation
Part Numbers
Circular Mils
L
Insulation
Diameter
Loose
Tape
[mm2]
Max.
Color
Max.
Piece
Mounted
16-14
.790
.170
2,050-5,180
Blue
324225*
2-324225-1
[1.04-2.62]
20.07
4.32
16-14 Receptacle
.768
.157
2,050-5,180
19.51
Blue
3.99
165429-1
—
[1.04-2.62]
*Available in small packaging quantities.
3-Way Connector
Terminal
Material
Insulation — Nylon, UL 94V-2
Terminal Body and Metallic
Sleeve — Copper per ASTM B-152
Rivet — Brass per QQ-B-626
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72
Wire Size
Tongue
Dimensions
Terminal
Wire Insulation
Part Number
Circular Mils
Material
W
L
Insulation
Diameter
Loose
[mm2]
Thickness Max.
Max.
Max.
Color
Max.
Piece
16-14
.033
.859
1.370
.170
2,050-5,180
Blue
53222-1*
[1.04-2.62]
0.84
21.82
34.80
4.32
*Available in small packaging quantities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com