Electronic Components Datasheet Search
  English  ▼

X  

LMV225SD Datasheet(PDF) 14 Page - Texas Instruments

Part # LMV225SD
Description  LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV225SD Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMV225SD Datasheet HTML 10Page - Texas Instruments LMV225SD Datasheet HTML 11Page - Texas Instruments LMV225SD Datasheet HTML 12Page - Texas Instruments LMV225SD Datasheet HTML 13Page - Texas Instruments LMV225SD Datasheet HTML 14Page - Texas Instruments LMV225SD Datasheet HTML 15Page - Texas Instruments LMV225SD Datasheet HTML 16Page - Texas Instruments LMV225SD Datasheet HTML 17Page - Texas Instruments LMV225SD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
2.5
3
3.5
4
4.5
5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
SUPPLY VOLTAGE (V)
85°C
25°C
-40°C
-50
-40
-30
-20
-10
0
10
20
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
RF INPUT POWER (dBm)
900 MHz
1800 MHz
1900 MHz
2000 MHz
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FREQUENCY (GHz)
-100
-50
0
50
100
150
R
X
100
1k
10k
100k
1M
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
2.7V
5V
LMV225, LMV226, LMV228
SNWS013L – AUGUST 2003 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS LMV225
(continued)
Unless otherwise specified, VDD = 2.7V, TJ = 25°C.
PSRR vs.Frequency
PSRR vs. Frequency
(LMV225 in DSBGA)
(LMV225 in WSON)
Figure 20.
Figure 21.
RF Input Impedance vs. Frequency @ Resistance and
RF Input Impedance vs. Frequency @ Resistance and
Reactance (LMV225 in DSBGA)
Reactance (LMV225 in WSON)
Figure 22.
Figure 23.
TYPICAL PERFORMANCE CHARACTERISTICS LMV226
Unless otherwise specified, VDD = 2.7V, TJ= 25°C.
Supply Current vs. Supply Voltage (LMV226)
Output Voltage vs. RF Input Power (LMV226)
Figure 24.
Figure 25.
14
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMV225 LMV226 LMV228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com