Electronic Components Datasheet Search
  English  ▼

X  

LMV225SD Datasheet(PDF) 21 Page - Texas Instruments

Part # LMV225SD
Description  LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV225SD Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMV225SD Datasheet HTML 17Page - Texas Instruments LMV225SD Datasheet HTML 18Page - Texas Instruments LMV225SD Datasheet HTML 19Page - Texas Instruments LMV225SD Datasheet HTML 20Page - Texas Instruments LMV225SD Datasheet HTML 21Page - Texas Instruments LMV225SD Datasheet HTML 22Page - Texas Instruments LMV225SD Datasheet HTML 23Page - Texas Instruments LMV225SD Datasheet HTML 24Page - Texas Instruments LMV225SD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LMV225, LMV226, LMV228
www.ti.com
SNWS013L – AUGUST 2003 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS LMV228 IN WSON
(continued)
Unless otherwise specified, VDD = 2.7V, TJ= 25°C.
Output Variation
Output Variation
vs.
vs.
RF Input Power Normalized to 25°C @ 1900 MHz (LMV228 in
RF Input Power Normalized to 25°C @ 2000 MHz (LMV228 in
WSON)
WSON)
Figure 62.
Figure 63.
PSRR
vs.
RF Input Impedance
Frequency
vs.
(LMV228 in WSON)
Frequency @ Resistance and Reactance (LMV228 in WSON)
Figure 64.
Figure 65.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMV225 LMV226 LMV228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com