Electronic Components Datasheet Search
  English  ▼

X  

LMV225SD Datasheet(PDF) 22 Page - Texas Instruments

Part # LMV225SD
Description  LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV225SD Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMV225SD Datasheet HTML 18Page - Texas Instruments LMV225SD Datasheet HTML 19Page - Texas Instruments LMV225SD Datasheet HTML 20Page - Texas Instruments LMV225SD Datasheet HTML 21Page - Texas Instruments LMV225SD Datasheet HTML 22Page - Texas Instruments LMV225SD Datasheet HTML 23Page - Texas Instruments LMV225SD Datasheet HTML 24Page - Texas Instruments LMV225SD Datasheet HTML 25Page - Texas Instruments LMV225SD Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
R1 =
-1
10
AdB
20
· RIN =
-1
10
31
20
· 50 = 1724:
AdB = 20·LOG
R1
RIN
+
1
= 31dB
PA
ANTENNA
OUT
RF
VDD
GND
LMV225
R2
10 k:
ENABLE
RFIN/EN
RIN
CIN
100 pF
C
R1
1.8 k:
LMV225, LMV226, LMV228
SNWS013L – AUGUST 2003 – REVISED MARCH 2013
www.ti.com
APPLICATION NOTES
CONFIGURING A TYPICAL APPLICATION
The LMV225/LMV226/LMV228 are power detectors intended for CDMA and WCDMA applications. Power
applied at its input translates to a DC voltage on the output through a linear-in-dB response. The LMV225
detector is especially suited for power measurements via a high-resistive tap, while the LMV226/LMV228 are
designed to be used in combination with a directional coupler. The LMV226 has an additional output voltage
buffer and therefore a low output impedance. The key features of the devices are shown in .
Table 1. DEVICE CHARACTERISTICS
Input Range (dBm)
Output Buffer
Application
LMV225
−30 / 0
No
High Resistive Tap
LMV226
−15 / 15
Yes
Directional Coupler
LMV228
−15 / 15
No
Directional Coupler
In order to match the output power range of the power amplifier (PA) with the range of the LMV225’s input, the
high resistive tap needs to be configured correctly. In case of the LMV226/LMV228 the coupling factor of the
directional coupler needs to be chosen correctly.
HIGH RESISTIVE TAP APPLICATION
The constant input impedance of the device enables the realization of a frequency independent input attenuation
to adjust the LMV225’s range to the range of the PA. Resistor R1 and the 50Ω input resistance (RIN) of the
device realize this attenuation (Figure 66). To minimize insertion loss, resistor R1 needs to be sufficiently large.
The following example demonstrates how to determine the proper value for R1.
Figure 66. Typical LMV225 Application with High Resistive Tap
Suppose the useful output power of the PA ranges up to +31 dBm. As the LMV225 can handle input power
levels up to 0 dBm. R1 should realize a minimum attenuation of 31 - 0 = 31 dB. The attenuation realized by R1
and the effective input resistance RIN of the detector equals:
(1)
Solving this expression for R1, using that RIN = 50Ω, yields:
(2)
In Figure 66, R1 is set to 1800Ω resulting in an attenuation of 31.4 dB.
22
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMV225 LMV226 LMV228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com