Electronic Components Datasheet Search
  English  ▼

X  

LMV225SD Datasheet(PDF) 19 Page - Texas Instruments

Part # LMV225SD
Description  LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV225SD Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMV225SD Datasheet HTML 15Page - Texas Instruments LMV225SD Datasheet HTML 16Page - Texas Instruments LMV225SD Datasheet HTML 17Page - Texas Instruments LMV225SD Datasheet HTML 18Page - Texas Instruments LMV225SD Datasheet HTML 19Page - Texas Instruments LMV225SD Datasheet HTML 20Page - Texas Instruments LMV225SD Datasheet HTML 21Page - Texas Instruments LMV225SD Datasheet HTML 22Page - Texas Instruments LMV225SD Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
RF INPUT POWER (dBm)
-50
-40
-30
-20
-10
0
10
20
2.00
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0.00
5
4
3
2
1
0
-1
-2
-3
-4
-5
25°C
85°C
-40°C
85°C
25°C
-40°C
RF INPUT POWER (dBm)
-50
-40
-30
-20
-10
0
10
20
2.00
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0.00
5
4
3
2
1
0
-1
-2
-3
-4
-5
25°C
85°C
-40°C
85°C
25°C
-40°C
2.5
3
3.5
4
4.5
5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
SUPPLY VOLTAGE (V)
85°C
25°C
-40°C
100
1k
10k
100k
1M
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
2.7V
5V
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FREQUENCY (GHz)
-100
-50
0
50
100
150
R
X
LMV225, LMV226, LMV228
www.ti.com
SNWS013L – AUGUST 2003 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS LMV228 IN DSBGA
(continued)
Unless otherwise specified, VDD = 2.7V, TJ= 25°C.
PSRR vs. Frequency
RF Input Impedance vs. Frequency @ Resistance and
(LMV228 in DSBGA)
Reactance (LMV228 in DSBGA)
Figure 50.
Figure 51.
TYPICAL PERFORMANCE CHARACTERISTICS LMV228 IN WSON
Unless otherwise specified, VDD = 2.7V, TJ= 25°C.
Supply Current
Output Voltage
vs.
vs.
Supply Voltage (LMV228 in WSON)
RF Input Power (LMV228 in WSON)
Figure 52.
Figure 53.
Output Voltage and Log Conformance
vs.
Output Voltage and Log Conformance vs.
RF Input Power @ 900 MHz (LMV228 inWSON)
RF Input Power @ 1800 MHz (LMV228 in WSON)
Figure 54.
Figure 55.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMV225 LMV226 LMV228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com