Electronic Components Datasheet Search
  English  ▼

X  

LMV225SD Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV225SD
Description  LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV225SD Datasheet(HTML) 3 Page - Texas Instruments

  LMV225SD Datasheet HTML 1Page - Texas Instruments LMV225SD Datasheet HTML 2Page - Texas Instruments LMV225SD Datasheet HTML 3Page - Texas Instruments LMV225SD Datasheet HTML 4Page - Texas Instruments LMV225SD Datasheet HTML 5Page - Texas Instruments LMV225SD Datasheet HTML 6Page - Texas Instruments LMV225SD Datasheet HTML 7Page - Texas Instruments LMV225SD Datasheet HTML 8Page - Texas Instruments LMV225SD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LMV225, LMV226, LMV228
www.ti.com
SNWS013L – AUGUST 2003 – REVISED MARCH 2013
2.7 DC AND AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all limits are specified to VDD = 2.7V; TJ = 25°C. Boldface limits apply at temperature extremes.
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
IDD
Supply Current
Active Mode: RFIN/EN = VDD
LMV225
4.8
7
(DC), No RF Input Power
8
Present
LMV226
4.9
6.2
mA
8
LMV228
4.9
6.2
8
Shutdown: RFIN/EN = GND (DC), No RF Input
0.44
4.5
μA
Power Present
VLOW
EN Logic Low Input Level
0.8
V
(2)
VHIGH
EN Logic High Input Level
1.8
V
(2)
ton
Turn-on-Time (3)
No RF Input Power Present,
LMV225
2.1
Output Loaded with 10 pF
LMV226
1.2
μs
LMV228
1.7
tr
Rise Time (4)
Step from no Power to
LMV225
4.5
0 dBm Applied, Output
Loaded with 10 pF
μs
Step from no Power to
LMV226
1.8
15 dBm Applied, Output
LMV228
4.8
Loaded with 10 pF
IEN
Current into RFIN/EN Pin
1
μA
PIN
Input Power Range (5)
LMV225
−30
dBm
0
−43
dBV
−13
LMV226
−15
dBm
15
−28
dBV
2
LMV228
−15
dBm
15
−28
dBV
2
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
All limits are specified by design or statistical analysis
(3)
Turn-on time is measured by connecting a 10 k
Ω resistor to the RFIN/EN pin. Be aware that in the actual application on the front page,
the RC-time constant of resistor R2 and capacitor C adds an additional delay.
(4)
Typical values represent the most likely parametric norm.
(5)
Power in dBV = dBm + 13 when the impedance is 50
Ω.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV225 LMV226 LMV228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com