Electronic Components Datasheet Search
  English  ▼

X  

LMV225SD Datasheet(PDF) 23 Page - Texas Instruments

Part # LMV225SD
Description  LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV225SD Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMV225SD Datasheet HTML 19Page - Texas Instruments LMV225SD Datasheet HTML 20Page - Texas Instruments LMV225SD Datasheet HTML 21Page - Texas Instruments LMV225SD Datasheet HTML 22Page - Texas Instruments LMV225SD Datasheet HTML 23Page - Texas Instruments LMV225SD Datasheet HTML 24Page - Texas Instruments LMV225SD Datasheet HTML 25Page - Texas Instruments LMV225SD Datasheet HTML 26Page - Texas Instruments LMV225SD Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
f =
1
2 S (R1 + RIN)
C · CIN
C + CIN
PA
ANTENNA
RFIN/EN
OUT
LMV226/
LMV228
RF
ENABLE
R2
10 k:
VDD
GND
50:
C
100 pF
LMV225, LMV226, LMV228
www.ti.com
SNWS013L – AUGUST 2003 – REVISED MARCH 2013
DIRECTIONAL COUPLER APPLICATION
The LMV226/LMV228 also has a 50
Ω input resistance. However, its input range differs compared to the
LMV225, i.e.
−15 dBm to +15 dBm. If a typical attenuation of a directional coupler is 20 dB, the LMV226/LMV228
can be directly connected via the directional coupler to the PA without the need of additional external attenuator
(Figure 67). Different PA ranges can be configured using couplers with other coupling factors.
Figure 67. Typical LMV226/LMV228 Application with
Directional Coupler
SHUTDOWN FUNCTIONALITY
The LMV225/LMV226/LMV228 RFIN/EN pins have 2 functions combined:
•
Enable/Shutdown
•
Power input
The capacitor C and the resistor R2 (Figure 66 and Figure 67) separate the DC shutdown functionality from the
AC power measurement. The device is active when Enable = HI, otherwise it is in a low power consumption
shutdown mode. During shutdown the output will be LOW.
Capacitor C should be chosen sufficiently large to ensure a corner frequency far below the lowest input
frequency to be measured. In case of the LMV225 the corner frequency can be calculated using:
where
•
RIN = 50Ω, CIN = 45 pF typical
(3)
With R1 = 1800Ω and C = 100 pF, this results in a corner frequency of 2.8 MHz. This corner frequency is an
indicative number. The goal is to have a magnitude transfer, which is sufficiently flat in the used frequency range;
capacitor C should be chosen significantly larger than capacitor CIN to assure a proper performance of the high
resistive tap. Capacitor C shouldn’t be chosen excessively large since the RC-time, it introduces in combination
with resistor R2, adds to the turn-on time of the device.
The LMV226/LMV228 do not use a resistor R1 like the LMV225. Though a resistor is seen on the coupler side
(RCOUPLER). Therefore a similar equation holds for the LMV226/LMV228 LF corner frequency, where R1 is
replaced with the coupler output impedance (RCOUPLER).
With RCOUPLER = 50Ω and C = 100 pF, the resulting corner frequency is 50 MHz.
The output voltage is proportional to the logarithm of the input power, often called “linear-in-dB”. Figure 68 shows
the typical output voltage versus PA output power of the LMV225 setup as depicted in Figure 66.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMV225 LMV226 LMV228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com