Electronic Components Datasheet Search
  English  ▼

X  

LMV225SD Datasheet(PDF) 17 Page - Texas Instruments

Part # LMV225SD
Description  LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV225SD Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMV225SD Datasheet HTML 13Page - Texas Instruments LMV225SD Datasheet HTML 14Page - Texas Instruments LMV225SD Datasheet HTML 15Page - Texas Instruments LMV225SD Datasheet HTML 16Page - Texas Instruments LMV225SD Datasheet HTML 17Page - Texas Instruments LMV225SD Datasheet HTML 18Page - Texas Instruments LMV225SD Datasheet HTML 19Page - Texas Instruments LMV225SD Datasheet HTML 20Page - Texas Instruments LMV225SD Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
-50
-40
-30
-20
-10
0
10
20
2.00
RF INPUT POWER (dBm)
-5
-4
-3
-2
-1
0
1
2
4
5
3
2.50
2.25
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0.00
25°C
-40°C
85°C
25°C
-40°C
85°C
-50
-40
-30
-20
-10
0
10
20
2.00
RF INPUT POWER (dBm)
-5
-4
-3
-2
-1
0
1
2
4
5
3
2.50
2.25
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0.00
25°C
-40°C
85°C
25°C
-40°C
85°C
-50
-40
-30
-20
-10
0
10
20
2.00
RF INPUT POWER (dBm)
-5
-4
-3
-2
-1
0
1
2
4
5
3
2.50
2.25
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0.00
25°C
-40°C
85°C
25°C
-40°C
85°C
-50
-40
-30
-20
-10
0
10
20
2.00
RF INPUT POWER (dBm)
-5
-4
-3
-2
-1
0
1
2
4
5
3
2.50
2.25
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0.00
25°C
-40°C
85°C
25°C
-40°C
85°C
-50
-40
-30
-20
-10
0
10
20
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
RF INPUT POWER (dBm)
900 MHz
1800 MHz
1900 MHz
2000 MHz
2.5
3
3.5
4
4.5
5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
SUPPLY VOLTAGE (V)
85°C
25°C
-40°C
LMV225, LMV226, LMV228
www.ti.com
SNWS013L – AUGUST 2003 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS LMV228 IN DSBGA
Unless otherwise specified, VDD = 2.7V, TJ= 25°C.
Supply Current vs. Supply Voltage
Output Voltage vs. RF Input Power
(LMV228 in DSBGA)
(LMV228 in DSBGA)
Figure 38.
Figure 39.
Output Voltage and Log Conformance vs.
Output Voltage and Log Conformance vs.
RF Input Power @ 900 MHz (LMV228 in DSBGA)
RF Input Power @ 1800 MHz (LMV228 in DSBGA)
Figure 40.
Figure 41.
Output Voltage and Log Conformance vs.
Output Voltage and Log Conformance vs.
RF Input Power @ 1900 MHz (LMV228 in DSBGA)
RF Input Power @ 2000 MHz (LMV228 in DSBGA)
Figure 42.
Figure 43.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMV225 LMV226 LMV228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com