Electronic Components Datasheet Search
  English  ▼

X  

LM3405AXMY Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3405AXMY
Description  LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3405AXMY Datasheet(HTML) 5 Page - Texas Instruments

  LM3405AXMY Datasheet HTML 1Page - Texas Instruments LM3405AXMY Datasheet HTML 2Page - Texas Instruments LM3405AXMY Datasheet HTML 3Page - Texas Instruments LM3405AXMY Datasheet HTML 4Page - Texas Instruments LM3405AXMY Datasheet HTML 5Page - Texas Instruments LM3405AXMY Datasheet HTML 6Page - Texas Instruments LM3405AXMY Datasheet HTML 7Page - Texas Instruments LM3405AXMY Datasheet HTML 8Page - Texas Instruments LM3405AXMY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LM3405A
www.ti.com
SNVS508C – OCTOBER 2007 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified, VIN = 12V, VBOOST - VSW = 5V and TA = 25°C.
Efficiency vs LED Current (VIN=5V)
Efficiency vs Input Voltage (IF = 1A)
Figure 3.
Figure 4.
Efficiency vs Input Voltage (IF = 0.7A)
Efficiency vs Input Voltage (IF = 0.35A)
Figure 5.
Figure 6.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3405A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com