Electronic Components Datasheet Search
  English  ▼

X  

LM3405AXMY Datasheet(PDF) 16 Page - Texas Instruments

Part # LM3405AXMY
Description  LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3405AXMY Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3405AXMY Datasheet HTML 12Page - Texas Instruments LM3405AXMY Datasheet HTML 13Page - Texas Instruments LM3405AXMY Datasheet HTML 14Page - Texas Instruments LM3405AXMY Datasheet HTML 15Page - Texas Instruments LM3405AXMY Datasheet HTML 16Page - Texas Instruments LM3405AXMY Datasheet HTML 17Page - Texas Instruments LM3405AXMY Datasheet HTML 18Page - Texas Instruments LM3405AXMY Datasheet HTML 19Page - Texas Instruments LM3405AXMY Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LM3405A
SNVS508C – OCTOBER 2007 – REVISED MAY 2013
www.ti.com
FEED-FORWARD CAPACITOR (C4)
The feed-forward capacitor (designated as C4) connected in parallel with the LED string is required to provide
multiple benefits to the LED driver design. It greatly improves the large signal transient response and suppresses
LED current overshoot that may otherwise occur during PWM dimming; it also helps to shape the rise and fall
times of the LED current pulse during PWM dimming thus reducing EMI emission; it reduces LED current ripple
by bypassing some of inductor ripple from flowing through the LED. For most applications, a 1µF ceramic
capacitor is sufficient. In fact, the combination of a 1µF feed-forward ceramic capacitor and a 1µF output ceramic
capacitor leads to less than 1% current ripple flowing through the LED. Lower and higher C4 values can be used,
but bench validation is required to ensure the performance meets the application requirement.
Figure 24 shows a typical LED current waveform during PWM dimming without feed-forward capacitor. At the
beginning of each PWM cycle, overshoot can be seen in the LED current. Adding a 1µF feed-forward capacitor
can totally remove the overshoot as shown in Figure 25.
Figure 24. PWM Dimming without Feed-Forward
Figure 25. PWM Dimming with a 1µF Feed-Forward
Capacitor
Capacitor
CATCH DIODE (D1)
The catch diode (D1) conducts during the switch off-time. A Schottky diode is required for its fast switching time
and low forward voltage drop. The catch diode should be chosen such that its current rating is greater than:
ID1 = IF x (1-D)
(20)
The reverse breakdown rating of the diode must be at least the maximum input voltage plus appropriate margin.
To improve efficiency, choose a Schottky diode with a low forward voltage drop.
BOOST DIODE (D2)
A standard diode such as the 1N4148 type is recommended. For VBOOST circuits derived from voltages less than
3.3V, a small-signal Schottky diode is recommended for better efficiency. A good choice is the BAT54 small
signal diode.
BOOST CAPACITOR (C3)
A 0.01µF ceramic capacitor with a voltage rating of at least 6.3V is sufficient. The X7R and X5R MLCCs provide
the best performance.
POWER LOSS ESTIMATION
The main power loss in LM3405A includes three basic types of loss in the internal power switch: conduction loss,
switching loss, and gate charge loss. In addition, there is loss associated with the power required for the internal
circuitry of IC.
The conduction loss is calculated as:
(21)
16
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3405A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com