Electronic Components Datasheet Search
  English  ▼

X  

LM3405AXMY Datasheet(PDF) 23 Page - Texas Instruments

Part # LM3405AXMY
Description  LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3405AXMY Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM3405AXMY Datasheet HTML 19Page - Texas Instruments LM3405AXMY Datasheet HTML 20Page - Texas Instruments LM3405AXMY Datasheet HTML 21Page - Texas Instruments LM3405AXMY Datasheet HTML 22Page - Texas Instruments LM3405AXMY Datasheet HTML 23Page - Texas Instruments LM3405AXMY Datasheet HTML 24Page - Texas Instruments LM3405AXMY Datasheet HTML 25Page - Texas Instruments LM3405AXMY Datasheet HTML 26Page - Texas Instruments LM3405AXMY Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LM3405A
www.ti.com
SNVS508C – OCTOBER 2007 – REVISED MAY 2013
Figure 31. LED MR16 Lamp Application
( VIN = 12V AC, IF = 0.75A )
Table 8. Bill of Materials for Figure 31
Part ID
Part Value
Part Number
Manufacturer
U1
1A LED Driver
LM3405A
Texas Instruments
C1, Input Cap
10µF, 25V, X5R
ECJ-3YB1E106K
Panasonic
C2, Output Cap
1µF, 10V, X7R
GRM319R71A105KC01D
Murata
C3, Boost Cap
0.01µF, 16V, X7R
0805YC103KAT2A
AVX
C5, Input Cap
220µF, 25V, electrolytic
ECE-A1EN221U
Panasonic
D1, Catch Diode
Schottky, 0.5V at 1A, VR = 30V
SS13
Vishay
D2, Boost Diode
Schottky, 0.36V at 15mA
CMDSH-3
Central Semiconductor
D3, Rectifier Diode
Schottky, 0.385V at 500mA
CMHSH5-2L
Central Semiconductor
D4, Rectifier Diode
Schottky, 0.385V at 500mA
CMHSH5-2L
Central Semiconductor
D5, Rectifier Diode
Schottky, 0.385V at 500mA
CMHSH5-2L
Central Semiconductor
D6, Rectifier Diode
Schottky, 0.385V at 500mA
CMHSH5-2L
Central Semiconductor
L1
6.8µH, 1.5A
SLF6028T-6R8M1R5
TDK
R1
0.27
Ω, 0.33W, 1%
ERJ8BQFR27
Panasonic
LED1
1A, White LED
LXHL-PW09
Lumileds
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM3405A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com