Electronic Components Datasheet Search
  English  ▼

X  

LM3405AXMY Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3405AXMY
Description  LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3405AXMY Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3405AXMY Datasheet HTML 2Page - Texas Instruments LM3405AXMY Datasheet HTML 3Page - Texas Instruments LM3405AXMY Datasheet HTML 4Page - Texas Instruments LM3405AXMY Datasheet HTML 5Page - Texas Instruments LM3405AXMY Datasheet HTML 6Page - Texas Instruments LM3405AXMY Datasheet HTML 7Page - Texas Instruments LM3405AXMY Datasheet HTML 8Page - Texas Instruments LM3405AXMY Datasheet HTML 9Page - Texas Instruments LM3405AXMY Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LM3405A
SNVS508C – OCTOBER 2007 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, VIN = 12V, VBOOST - VSW = 5V and TA = 25°C.
VFB vs Temperature
Oscillator Frequency vs Temperature
Figure 7.
Figure 8.
Current Limit vs Temperature
SOT RDS(ON) vs Temperature (VBOOST - VSW = 3V)
Figure 9.
Figure 10.
Quiescent Current vs Temperature
Startup Response to EN/DIM Signal (VIN = 15V, IF = 0.2A)
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3405A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com