Electronic Components Datasheet Search
  English  ▼

X  

LM3405AXMY Datasheet(PDF) 11 Page - Texas Instruments

Part # LM3405AXMY
Description  LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3405AXMY Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3405AXMY Datasheet HTML 7Page - Texas Instruments LM3405AXMY Datasheet HTML 8Page - Texas Instruments LM3405AXMY Datasheet HTML 9Page - Texas Instruments LM3405AXMY Datasheet HTML 10Page - Texas Instruments LM3405AXMY Datasheet HTML 11Page - Texas Instruments LM3405AXMY Datasheet HTML 12Page - Texas Instruments LM3405AXMY Datasheet HTML 13Page - Texas Instruments LM3405AXMY Datasheet HTML 14Page - Texas Instruments LM3405AXMY Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LM3405A
www.ti.com
SNVS508C – OCTOBER 2007 – REVISED MAY 2013
SETTING THE LED CURRENT
LM3405A is a constant current buck regulator. The LEDs are connected between VOUT and the FB pin as shown
in the Typical Application Circuit. The FB pin is at 0.205V in regulation and therefore the LED current IF is set by
VFB and resistor R1 from FB to ground by the following equation:
IF = VFB / R1
(9)
IF should not exceed the 1A current capability of LM3405A and therefore R1 minimum must be approximately
0.2
Ω. IF should also be kept above 200mA for stable operation, and therefore R1 maximum must be
approximately 1
Ω. If average LED currents less than 200mA are desired, the EN/DIM pin can be used for PWM
dimming. See LED PWM DIMMING section.
OUTPUT VOLTAGE
The output voltage is primarily determined by the number of LEDs (n) connected from VOUT to FB pin and
therefore VOUT can be written as :
VOUT = ((n x VF) + VFB)
(10)
where VF is the forward voltage of one LED at the set LED current level (see LED manufacturer datasheet for
forward characteristics curve).
ENABLE MODE / SHUTDOWN MODE
The LM3405A has both enable and shutdown modes that are controlled by the EN/DIM pin. Connecting a
voltage source greater than 1.8V to the EN/DIM pin enables the operation of LM3405A, while reducing this
voltage below 0.4V places the part in a low quiescent current (0.3µA typical) shutdown mode. There is no
internal pull-up on EN/DIM pin, therefore an external signal is required to initiate switching. Do not allow this pin
to float or rise to 0.3V above VIN. It should be noted that when the EN/DIM pin voltage rises above 1.8V while the
input voltage is greater than UVLO, there is a finite delay before switching starts. During this delay the LM3405A
will go through a power on reset state after which the internal soft-start process commences. The soft-start
process limits the inrush current and brings up the LED current (IF) in a smooth and controlled fashion. The total
combined duration of the power on reset delay, soft-start delay and the delay to fully establish the LED current is
in the order of 100µs (refer to Figure 22).
The simplest way to enable the operation of LM3405A is to connect the EN/DIM pin to VIN which allows self start-
up of LM3405A whenever the input voltage is applied. However, when an input voltage of slow rise time is used
to power the application and if both the input voltage and the output voltage are not fully established before the
soft-start time elapses, the control circuit will command maximum duty cycle operation of the internal power
switch to bring up the output voltage rapidly. When the feedback pin voltage exceeds 0.205V, the duty cycle will
have to reduce from the maximum value accordingly, to maintain regulation. It takes a finite amount of time for
this reduction of duty cycle and this will result in a spike in LED current for a short duration as shown in
Figure 18. In applications where this LED current overshoot is undesirable, EN/DIM pin voltage can be
separately applied and delayed such that VIN is fully established before the EN/DIM pin voltage reaches the
enable threshold. The effect of delaying EN/DIM with respect to VIN on the LED current is shown in Figure 19.
For a fast rising input voltage (200µs for example), there is no need to delay the EN/DIM signal since soft-start
can smoothly bring up the LED current as shown in Figure 20.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3405A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com