Electronic Components Datasheet Search
  English  ▼

X  

LM3405AXMY Datasheet(PDF) 28 Page - Texas Instruments

Part # LM3405AXMY
Description  LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3405AXMY Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM3405AXMY Datasheet HTML 24Page - Texas Instruments LM3405AXMY Datasheet HTML 25Page - Texas Instruments LM3405AXMY Datasheet HTML 26Page - Texas Instruments LM3405AXMY Datasheet HTML 27Page - Texas Instruments LM3405AXMY Datasheet HTML 28Page - Texas Instruments LM3405AXMY Datasheet HTML 29Page - Texas Instruments LM3405AXMY Datasheet HTML 30Page - Texas Instruments LM3405AXMY Datasheet HTML 31Page - Texas Instruments LM3405AXMY Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM3405AXMK/NOPB
SOT
DDC
6
1000
210.0
185.0
35.0
LM3405AXMKE/NOPB
SOT
DDC
6
250
210.0
185.0
35.0
LM3405AXMKX/NOPB
SOT
DDC
6
3000
210.0
185.0
35.0
LM3405AXMY/NOPB
MSOP-PowerPAD
DGN
8
1000
210.0
185.0
35.0
LM3405AXMYX/NOPB
MSOP-PowerPAD
DGN
8
3500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Oct-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com