Electronic Components Datasheet Search
  English  ▼

X  

LM3405AXMY Datasheet(PDF) 17 Page - Texas Instruments

Part # LM3405AXMY
Description  LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3405AXMY Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3405AXMY Datasheet HTML 13Page - Texas Instruments LM3405AXMY Datasheet HTML 14Page - Texas Instruments LM3405AXMY Datasheet HTML 15Page - Texas Instruments LM3405AXMY Datasheet HTML 16Page - Texas Instruments LM3405AXMY Datasheet HTML 17Page - Texas Instruments LM3405AXMY Datasheet HTML 18Page - Texas Instruments LM3405AXMY Datasheet HTML 19Page - Texas Instruments LM3405AXMY Datasheet HTML 20Page - Texas Instruments LM3405AXMY Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LM3405A
www.ti.com
SNVS508C – OCTOBER 2007 – REVISED MAY 2013
If the inductor ripple current is fairly small (for example, less than 40%) , the conduction loss can be simplified to:
PCOND = IF
2 x R
DS(ON) x D
(22)
The switching loss occurs during the switch on and off transition periods, where voltage and current overlap
resulting in power loss. The simplest means to determine this loss is to empirically measure the rise and fall
times (10% to 90%) of the voltage at the switch pin.
Switching power loss is calculated as follows:
PSW = 0.5 x VIN x IF x fSW x ( TRISE + TFALL )
(23)
The gate charge loss is associated with the gate charge QG required to drive the switch:
PG = fSW x VIN x QG
(24)
The power loss required for operation of the internal circuitry:
PQ = IQ x VIN
(25)
IQ is the quiescent operating current, and is typically around 1.8mA for the LM3405A.
The total power loss in the IC is:
PINTERNAL = PCOND + PSW + PG + PQ
(26)
An example of power losses for a typical application is shown in Table 2:
Table 2. Power Loss Tabulation
Conditions
Power loss
VIN
12V
VOUT
3.9V
IOUT
1.0A
VD1
0.45V
RDS(ON)
300m
Ω
PCOND
108mW
fSW
1.6MHz
TRISE
18ns
PSW
288mW
TFALL
12ns
IQ
1.8mA
PQ
22mW
QG
1.4nC
PG
27mW
D is calculated to be 0.36
Σ ( PCOND + PSW + PQ + PG ) = PINTERNAL
(27)
PINTERNAL = 445mW
(28)
PCB Layout Considerations
When planning the layout there are a few things to consider when trying to achieve a clean, regulated output.
The most important consideration when completing the layout is the close coupling of the GND connections of
the input capacitor C1 and the catch diode D1. These ground ends should be close to one another and be
connected to the GND plane with at least two through-holes. Place these components as close to the IC as
possible. The next consideration is the location of the GND connection of the output capacitor C2, which should
be near the GND connections of C1 and D1.
There should be a continuous ground plane on the bottom layer of a two-layer board except under the switching
node island.
The FB pin is a high impedance node and care should be taken to make the FB trace short to avoid noise pickup
that causes inaccurate regulation. The LED current setting resistor R1 should be placed as close as possible to
the IC, with the GND of R1 placed as close as possible to the GND of the IC. The VOUT trace to LED anode
should be routed away from the inductor and any other traces that are switching.
High AC currents flow through the VIN, SW and VOUT traces, so they should be as short and wide as possible.
Radiated noise can be decreased by choosing a shielded inductor.
The remaining components should also be placed as close as possible to the IC. See Application Report AN-
1229 (SNVA054) for further considerations and the LM3405A demo board as an example of a four-layer layout.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3405A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com