Electronic Components Datasheet Search
  English  ▼

X  

LM3405AXMY Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3405AXMY
Description  LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3405AXMY Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3405AXMY Datasheet HTML 6Page - Texas Instruments LM3405AXMY Datasheet HTML 7Page - Texas Instruments LM3405AXMY Datasheet HTML 8Page - Texas Instruments LM3405AXMY Datasheet HTML 9Page - Texas Instruments LM3405AXMY Datasheet HTML 10Page - Texas Instruments LM3405AXMY Datasheet HTML 11Page - Texas Instruments LM3405AXMY Datasheet HTML 12Page - Texas Instruments LM3405AXMY Datasheet HTML 13Page - Texas Instruments LM3405AXMY Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LM3405A
SNVS508C – OCTOBER 2007 – REVISED MAY 2013
www.ti.com
The third method can be used in the applications where both VIN and VOUT are greater than 5.5V. In these cases,
C3 cannot be charged directly from these voltages; instead C3 can be charged from VIN or VOUT minus a zener
voltage (VD3) by placing a zener diode D3 in series with D2 as shown in Figure 16. When using a series zener
diode from the input, the gate drive voltage is VIN - VD3 - VD2 + VD1.
Figure 16. VBOOST Derived from VIN through a Series Zener
An alternate method is to place the zener diode D3 in a shunt configuration as shown in Figure 17. A small
350mW to 500mW, 5.1V zener in a SOT or SOD package can be used for this purpose. A small ceramic
capacitor such as a 6.3V, 0.1µF capacitor (C5) should be placed in parallel with the zener diode. When the
internal NMOS switch turns on, a pulse of current is drawn to charge the internal NMOS gate capacitance. The
0.1µF parallel shunt capacitor ensures that the VBOOST voltage is maintained during this time. Resistor R2 should
be chosen to provide enough RMS current to the zener diode and to the BOOST pin. A recommended choice for
the zener current (IZENER) is 1mA. The current IBOOST into the BOOST pin supplies the gate current of the NMOS
power switch. It reaches a maximum of around 3.6mA at the highest gate drive voltage of 5.5V over the
LM3405A operating range.
For the worst case IBOOST, increase the current by 50%. In that case, the maximum boost current will be:
IBOOST-MAX = 1.5 x 3.6mA = 5.4mA
(6)
R2 will then be given by:
R2 = (VIN - VZENER) / (IBOOST_MAX + IZENER)
(7)
For example, let VIN = 12V, VZENER = 5V, IZENER = 1mA, then:
R2 = (12V - 5V) / (5.4mA + 1mA) = 1.09k
Ω
(8)
Figure 17. VBOOST derived from VIN through a Shunt Zener
The fourth method can be used in an application which has an external low voltage rail, VEXT. C3 can be charged
through D2 from VEXT, independent of VIN and VOUT voltage levels. Again for best performance, ensure that the
gate drive voltage, VEXT - VD2 + VD1, falls in the range of 2.5V to 5.5V.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3405A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com