Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM73
Description  LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM73 Datasheet(HTML) 4 Page - Texas Instruments

  LM73 Datasheet HTML 1Page - Texas Instruments LM73 Datasheet HTML 2Page - Texas Instruments LM73 Datasheet HTML 3Page - Texas Instruments LM73 Datasheet HTML 4Page - Texas Instruments LM73 Datasheet HTML 5Page - Texas Instruments LM73 Datasheet HTML 6Page - Texas Instruments LM73 Datasheet HTML 7Page - Texas Instruments LM73 Datasheet HTML 8Page - Texas Instruments LM73 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM73
SNIS141D – OCTOBER 2005 – REVISED MAY 2009
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage
−0.3 V to 6.0 V
Voltage at SMBCLK and SMBDAT pins
−0.3 V to 6.0 V
Voltage at All Other Pins
−0.3 V to (VDD + 0.5 V) and ≤ 6.0 V
Input Current at Any Pin(2)
±5 mA
Storage Temperature
−65°C to +150°C
ESD Susceptibility(3)
Human Body Model
2000 V
Machine Model
200 V
Soldering process must comply with Texas Instruments' Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.(4)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > VDD), the current at that pin should be limited to 5
mA.
(3)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
(4)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
OPERATING RATINGS
(1)
Specified Temperature Range TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +150°C
Supply Voltage Range (VDD)
+2.7V to +5.5V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
TEMPERATURE-TO-DIGITAL CONVERTER CHARACTERISTICS
Unless otherwise noted, these specifications apply for VDD = 2.7V to 5.5V. Boldface limits apply for TA = TJ =TMIN to TMAX;
all other limits TA = TJ = +25°C, unless otherwise noted. TA is the ambient temperature. TJ is the junction temperature.
LM73C
Units
Parameter
Conditions
Typical(1)
Limits(2)
(Limit)
Accuracy(3)
TA = −10°C to 80°C
±1.0
°C (max)
VDD = 2.7V
to
TA = −25°C to 115°C
±1.5
°C (max)
VDD = 4.5V
TA = −40°C to 150°C
±2.0
°C (max)
TA = −10°C to 80°C
±1.5
°C (max)
VDD > 4.5V
to
TA = −25°C to 115°C
±2.0
°C (max)
VDD = 5.5V
TA = −40°C to 150°C
±2.5
°C (max)
Resolution
RES1 Bit = 0, RES0 Bit = 0
11
Bits
0.25
°C/LSB
RES1 Bit = 0, RES0 Bit = 1
12
Bits
0.125
°C/LSB
RES1 Bit = 1, RES0 Bit = 0
13
Bits
0.0625
°C/LSB
RES1 Bit = 1, RES0 Bit = 1
14
Bits
0.03125
°C/LSB
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(3)
Local temperature accuracy does not include the effects of self-heating. The rise in temperature due to self-heating is the product of the
internal power dissipation of the LM73 and the thermal resistance.
4
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com