Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM73
Description  LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM73 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM73 Datasheet HTML 6Page - Texas Instruments LM73 Datasheet HTML 7Page - Texas Instruments LM73 Datasheet HTML 8Page - Texas Instruments LM73 Datasheet HTML 9Page - Texas Instruments LM73 Datasheet HTML 10Page - Texas Instruments LM73 Datasheet HTML 11Page - Texas Instruments LM73 Datasheet HTML 12Page - Texas Instruments LM73 Datasheet HTML 13Page - Texas Instruments LM73 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LM73
SNIS141D – OCTOBER 2005 – REVISED MAY 2009
www.ti.com
Table 3. 13-bit (12-bit plus Sign)
Temperature
Digital Output
Binary
Hex
+150°C
0100 1011 0000 0000
4B00h
+25°C
0000 1100 1000 0000
0C80h
+1°C
0000 0000 1000 0000
0080h
+0.0625°C
0000 0000 0000 1000
0008h
0°C
0000 0000 0000 0000
0000h
−0.0625°C
1111 1111 1111 1000
FFF8h
−1°C
1111 1111 1000 0000
FF80h
−25°C
1111 0011 1000 0000
F380h
−40°C
1110 1100 0000 0000
EC00h
Table 4. 14-bit (13-bit plus Sign)
Temperature
Digital Output
Binary
Hex
+150°C
0100 1011 0000 0000
4B00h
+25°C
0000 1100 1000 0000
0C80h
+1°C
0000 0000 1000 0000
0080h
+0.03125°C
0000 0000 0000 0100
0004h
0°C
0000 0000 0000 0000
0000h
−0.03125°C
1111 1111 1111 1100
FFFCh
−1°C
1111 1111 1000 0000
FF80h
−25°C
1111 0011 1000 0000
F380h
−40°C
1110 1100 0000 0000
EC00h
SMBus INTERFACE
The LM73 operates as a slave on the SMBus. The SMBDAT line is bidirectional. The SMBCLK line is an input
only. The LM73 never drives the SMBCLK line and it does not support clock stretching.
The LM73 uses a 7-bit slave address. It is available in two versions. Each version can be configured for one of
three unique slave addresses, for a total of six unique address.
Part
Address
Device
Number
Pin
Address
LM73-0
Float
1001 000
Ground
1001 001
VDD
1001 010
LM73-1
Float
1001 100
Ground
1001 101
VDD
1001 110
The SMBDAT output is an open-drain output and does not have internal pull-ups. A “high” level will not be
observed on this pin until pull-up current is provided by some external source, typically a pull-up resistor. Choice
of resistor value depends on many system factors but, in general, the pull-up resistor should be as large as
possible without effecting the SMBus desired data rate. This will minimize any internal temperature reading
errors due to internal heating of the LM73.
The LM73 features an integrated low-pass filter on both the SMBCLK and the SMBDAT line. These filters
increase communications reliability in noisy environments.
If either the SMBCLK or SMBDAT line is held low for a time greater than tTIMEOUT (see Logic Electrical
Characteristics for the value of tTIMEOUT), the LM73 state machine will reset to the SMBus idle state, releasing the
data line. Once the SMBDAT is released high, the master may initiate an SMBus start.
10
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com