Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM73
Description  LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM73 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM73 Datasheet HTML 9Page - Texas Instruments LM73 Datasheet HTML 10Page - Texas Instruments LM73 Datasheet HTML 11Page - Texas Instruments LM73 Datasheet HTML 12Page - Texas Instruments LM73 Datasheet HTML 13Page - Texas Instruments LM73 Datasheet HTML 14Page - Texas Instruments LM73 Datasheet HTML 15Page - Texas Instruments LM73 Datasheet HTML 16Page - Texas Instruments LM73 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
D7
D6
D5
D4
D3
D2
D1
D0
1
9
Ack
by
LM73
Repeat
Start by
Master
NoAck
by
Master
SMBCLK
(continued)
SMBDAT
(continued)
Stop
by
Master
R/W
0
1
A2
A0
1
0
A1
1
9
Frame 3
Serial Bus Address Byte
Frame 4
Data Byte from LM73
1
9
1
9
Ack
by
LM73
Start by
Master
SMBCLK
SMBDAT
R/W
0
1
A2
A0
1
0
A1
Ack
by
LM73
Frame 1
Serial Bus Address Byte
Frame 2
Pointer Byte
0
0
0
0
0
P2
P1
P0
D7
D6
D5
D4
D3
D2
D1
D0
1
9
Ack
by
LM73
Start by
Master
NoAck
by
Master
SMBCLK
SMBDAT
Stop
by
Master
R/W
0
1
A2
A0
1
0
A1
1
9
Frame 1
Serial Bus Address Byte
Frame 2
Data Byte from LM73
LM73
www.ti.com
SNIS141D – OCTOBER 2005 – REVISED MAY 2009
(c) Typical Read from a 1-Byte Register with Preset Pointer
(d) Typical Pointer Set Followed by Immediate Read of a 1-Byte Register
Figure 9. Reading from the LM73
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com