Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM73
Description  LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM73 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM73 Datasheet HTML 12Page - Texas Instruments LM73 Datasheet HTML 13Page - Texas Instruments LM73 Datasheet HTML 14Page - Texas Instruments LM73 Datasheet HTML 15Page - Texas Instruments LM73 Datasheet HTML 16Page - Texas Instruments LM73 Datasheet HTML 17Page - Texas Instruments LM73 Datasheet HTML 18Page - Texas Instruments LM73 Datasheet HTML 19Page - Texas Instruments LM73 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LM73
SNIS141D – OCTOBER 2005 – REVISED MAY 2009
www.ti.com
P2
P1
P0
REGISTER(1)
0
0
0
Temperature
0
0
1
Configuration
0
1
0
THIGH
0
1
1
TLOW
1
0
0
Control / Status
1
1
1
Identification
(1)
A write to an invalid pointer address is not allowed. If the master
writes an invalid address to the Pointer Register,
(a) the LM73 will not acknowledge the address and
(b) the Pointer Register will continue to contain the last value stored
in it.
TEMPERATURE DATA REGISTER
Pointer Address 00h (Read Only)
Reset State: 7FFCh (+255.96875°C)
One-Shot State: 8000h (-256°C)
D15
D14
D13
D12
D11
D10
D9
D8
SIGN
128°C
64°C
32°C
16°C
8°C
4°C
2°C
D7
D6
D5
D4
D3
D2
D1
D0
1°C
0.5°C
0.25°C
0.125°C
0.0625°C
0.03125°C
reserved
reserved
Bits
Name
Description
15:2
Temperature Data
Represents the temperature that was measured by the most recent temperature conversion. On
Power-up, this data is invalid until the Data Available (DAV) bit in the Control/Status register is high
(after the completion of the first temperature conversion). The resolution is user-progammable from 11-
bit resolution (0.25°C/LSB) through 14-bit resolution (0.03125°C/LSB). The desired resolution is
programmed with bits 5 and 6 of the Control/Status register.
1:0
Not Used
Return zeros upon read.
CONFIGURATION REGISTER
Pointer Address 01h (R/W)
Reset State: 40h
D7
D6
D5
D4
D3
D2
D1
D0
PD
reserved
ALRT EN
ALRT POL
ALRT RST
ONE SHOT
reserved
Bits
Name
Description
7
Full Power Down
Writing a "1" to this bit and holding it high for at least the specified maximum conversion time, at the existing
temperature resolution setting, puts the LM73 in shutdown mode for power conservation.
Writing a "0" to this bit restores the LM73 to normal mode. Waiting one specified maximum conversion time
for the existing resolution setting assures accurate data in the temperature register.
6
reserved
User must write only a 1 to this bit
5
ALERT Enable
A 0 in this location enables the ALERT output. A 1 disables it. This bit also controls the ALERT Status bit
(the Control/Status Register, Bit 3) since that bit reflects the state of the Alert pin.
4
ALERT Polarity
When set to 1, the ALERT pin and ALERT Status bit are active-high. When 0, it is active-low.
3
ALERT Reset
Writing a 1 to this bit resets the ALERT pin and the ALERT Status bit. It will always be 0 when read.
2
One Shot
When in shutdown mode (Bit 7 is 1), initiates a single temperature conversion and update of the temperature
register with new temperature data. Has no effect when in continuous conversion mode (i.e., when Bit 7 is
0). Always returns a 0 when read.
1:0
Reserved
User must write only a 0 to these bits.
16
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com