Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM73
Description  LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM73 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM73 Datasheet HTML 7Page - Texas Instruments LM73 Datasheet HTML 8Page - Texas Instruments LM73 Datasheet HTML 9Page - Texas Instruments LM73 Datasheet HTML 10Page - Texas Instruments LM73 Datasheet HTML 11Page - Texas Instruments LM73 Datasheet HTML 12Page - Texas Instruments LM73 Datasheet HTML 13Page - Texas Instruments LM73 Datasheet HTML 14Page - Texas Instruments LM73 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TIME
(Active Low)
Measured Temperature
THIGH Limit
TLOW Limit
ALERT 5HVHW %LW VHW WR ³1´
One
Conversion Time
ALERT
TIME
Measured Temperature
THIGH Limit
TLOW Limit
ALERT pin
LM73
www.ti.com
SNIS141D – OCTOBER 2005 – REVISED MAY 2009
ALERT FUNCTION
The ALERT output is an over-temperature indicator. At the end of every temperature conversion, the measured
temperature is compared to the value in the THIGH Register. If the measured temperature exceeds the value
stored in THIGH, the ALERT output goes active (see Figure 7). This over-temperature condition will also cause the
ALRT_STAT bit in the Control/Status Register to change value (this bit mirrors the logic level of the ALERT pin).
The ALERT pin and the ALRT_STAT bit are cleared when any of the following occur:
1. The measured temperature falls below the value stored in the TLOW Register
2. A "1" is written to the ALERT Reset bit in the Configuration Register
3. The master resets it through an SMBus Alert Response Address (ARA) procedure
If ALERT has been cleared by the master writing a "1" to the ALERT Reset bit, while the measured temperature
still exceeds the THIGH setpoint, ALERT will go active again after the completion of the next temperature
conversion.
Each temperature reading is associated with a Temperature High (THI) and a Temperature Low (TLOW) flag in
the Control/Status Register. A digital comparison determines whether that reading is above the THIGH setpoint or
below the TLOW setpoint. If so, the corresponding flag is set. All digital comparisons to the THIGH, and TLOW values
are based on an 11-bit temperature comparison. Regardless of the resolution setting of the LM73, the lower
three temperature LSBs will not affect the state of the ALERT output, THI flag, and TLOW flag.
Figure 7. ALERT Temperature Response Cleared when Temperature Crosses TLOW
Figure 8. ALERT Temperature Response Cleared by Writing a "1" to the ALERT Reset Bit.
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com