Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM73
Description  LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM73 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM73 Datasheet HTML 13Page - Texas Instruments LM73 Datasheet HTML 14Page - Texas Instruments LM73 Datasheet HTML 15Page - Texas Instruments LM73 Datasheet HTML 16Page - Texas Instruments LM73 Datasheet HTML 17Page - Texas Instruments LM73 Datasheet HTML 18Page - Texas Instruments LM73 Datasheet HTML 19Page - Texas Instruments LM73 Datasheet HTML 20Page - Texas Instruments LM73 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LM73
www.ti.com
SNIS141D – OCTOBER 2005 – REVISED MAY 2009
THIGH UPPER-LIMIT REGISTER
Pointer Address 02h (R/W)
Reset State: 7FE0h (+255.75°C)
D15
D14
D13
D12
D11
D10
D9
D8
SIGN
128°C
64°C
32°C
16°C
8°C
4°C
2°C
D7
D6
D5
D4
D3
D2
D1
D0
1°C
0.5°C
0.25°C
reserved
Bits
Name
Description
15:5
Upper-Limit
If the measured temperature that is stored in this register exceeds this user-programmable upper
Temperature
temperature limit, the ALERT pin will go active and the THIGH flag in the Control/Status register will be
set to 1. Two's complement format.
4:0
Reserved
Returns zeros upon read. Recommend writing zeros only in these bits.
TLOW LOWER-LIMIT REGISTER
Pointer Address 03h (R/W)
Reset State: 8000h (–256°C)
D15
D14
D13
D12
D11
D10
D9
D8
SIGN
128°C
64°C
32°C
16°C
8°C
4°C
2°C
D7
D6
D5
D4
D3
D2
D1
D0
1°C
0.5°C
0.25°C
reserved
Bits
Name
Description
15:5
Lower-Limit
If the measured temperature that is stored in the temperature register falls below this user-
Temperature
programmable lower temperature limit, the ALERT pin will be deactivated and the TLOW flag in the
Control/Status register will be set to 1. Two's complement format.
4:0
Reserved
Returns zeros upon read. Recommend writing zeros only in these bits.
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com