Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM73
Description  LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM73 Datasheet(HTML) 5 Page - Texas Instruments

  LM73 Datasheet HTML 1Page - Texas Instruments LM73 Datasheet HTML 2Page - Texas Instruments LM73 Datasheet HTML 3Page - Texas Instruments LM73 Datasheet HTML 4Page - Texas Instruments LM73 Datasheet HTML 5Page - Texas Instruments LM73 Datasheet HTML 6Page - Texas Instruments LM73 Datasheet HTML 7Page - Texas Instruments LM73 Datasheet HTML 8Page - Texas Instruments LM73 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LM73
www.ti.com
SNIS141D – OCTOBER 2005 – REVISED MAY 2009
TEMPERATURE-TO-DIGITAL CONVERTER CHARACTERISTICS (continued)
Unless otherwise noted, these specifications apply for VDD = 2.7V to 5.5V. Boldface limits apply for TA = TJ =TMIN to TMAX;
all other limits TA = TJ = +25°C, unless otherwise noted. TA is the ambient temperature. TJ is the junction temperature.
LM73C
Units
Parameter
Conditions
Typical(1)
Limits(2)
(Limit)
Temperature Conversion
RES1 Bit = 0, RES0 Bit = 0
10.1
14
ms (max)
Time(4)
RES1 Bit = 0, RES0 Bit = 1
20.2
28
ms (max)
RES1 Bit = 1, RES0 Bit = 0
40.4
56
ms (max)
RES1 Bit = 1, RES0 Bit = 1
80.8
112
ms (max)
Quiescent Current
Continuous Conversion Mode, SMBus inactive
320
495
µA (max)
Shutdown, bus-idle timers on
120
175
µA (max)
Shutdown, bus-idle timers off
1.9
8
µA (max)
Power-On Reset Threshold
Measured on VDD input, falling edge
0.9
V (min)
(4)
This specification is provided only to indicate how often temperature data is updated. The LM73 can be read at any time without regard
to conversion state (and will yield last conversion result).
LOGIC ELECTRICAL CHARACTERISTICS - DIGITAL DC CHARACTERISTICS
Unless otherwise noted, these specifications apply for VDD = 2.7V to 5.5V. Boldface limits apply for TA = TJ = TMIN to TMAX;
all other limits TA = TJ = +25°C, unless otherwise noted. TA is the ambient temperature. TJ is the junction temperature.
Symbol
Parameter
Conditions
Typical(1)
Limits(2)
Units
(Limit)
SMBDAT, SMBCLK INPUTS
VIH
Logical “1” Input Voltage
0.7*VDD
V (min)
VIL
Logical “0” Input Voltage
0.3*VDD
V (max)
VIN;HYST
SMBDAT and SMBCLK Digital Input
0.07*VDD
V
Hysteresis
IIH
Logical “1” Input Current
VIN = VDD
0.01
2
µA (max)
IIL
Logical “0” Input Current
VIN = 0 V
–0.01
–2
µA (max)
CIN
Input Capacitance
5
pF
SMBDAT, ALERT OUTPUTS
IOH
High Level Output Current
VOH = VDD
0.01
2
µA (max)
VOL
SMBus Low Level Output Voltage
IOL = 3 mA
0.4
V (max)
ADDRESS INPUT
VIH;ADDRESS
Address Pin High Input Voltage
VDD minus 0.100
V (min)
VIL;ADDRESS
Address Pin Low Input Voltage
0.100
V (max)
IIH;ADDRESS
Address Pin High Input Current
VIN = VDD
0.01
2
µA (max)
IIL;ADDRESS
Address Pin Low Input Current
VIN = 0 V
–0.01
–2
µA (max)
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are ensured to TI's AOQL (Average Outgoing Quality Level).
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com